Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP1000-G Datasheet(PDF) 2 Page - Comchip Technology

Part # MP1000-G
Description  Silicon Bridge Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

MP1000-G Datasheet(HTML) 2 Page - Comchip Technology

  MP1000-G Datasheet HTML 1Page - Comchip Technology MP1000-G Datasheet HTML 2Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Page2
Comchip Technology Corporation . Tel:510-657-8671 . Fax: 510-657-8921 . www.comchiptech.com
MP1000-G THRU MP1010-G (RoHS Device)
Silicon Bridge Rectifiers
“-G” suffix designated RoHS compliant version
10
10
8
8
6
6
4
4
2
2
0
0
25
50
75
100
125
25
50
75
100
125
10
10
1.0
1.0
0.1
0.1
0.01
0.01
0
0.4
0.8
1.2
1.6
0
0.4
0.8
1.2
1.6
0
40
80
120
040
80
120
10
10
1.0
1.0
0.1
0.1
0.01
0.01
200
200
120
120
80
80
40
40
0
0
240
240
160
160
1.0
1.0
10
10
100
100
VF, Instantaneous Forward Voltage (V)
o
TA, Ambient Temperature ( C)
Number of Cycles at 60Hz
Percent of Rated Peak Reverse Voltage (%)
Resistive or
Inductive load
Resistive or
Inductive load
o
Tj = 25 C
Pulse width = 300uS
o
Tj=25 C
Pulse width = 300uS
o
Tc = 50 C
Single half sine-wave
JEDEC method
o
Tc = 50 C
Single half sine-wave
JEDEC method
o
Tj =100 C
o
Tj =100 C
o
Tj =25 C
o
Tj =25 C
Rating and Characteristic Curve (MP1000-G thru MP1010-G)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com