Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT0302 Datasheet(PDF) 4 Page - Comchip Technology

Part # RT0302
Description  CMOS Design for Door Bell application
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

RT0302 Datasheet(HTML) 4 Page - Comchip Technology

  RT0302 Datasheet HTML 1Page - Comchip Technology RT0302 Datasheet HTML 2Page - Comchip Technology RT0302 Datasheet HTML 3Page - Comchip Technology RT0302 Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
8L P-DIP (300 mil ) Dimension:
Symbol
Dimension in inch
Dimension in mm
Min
Typ
Max
Min
Typ
Max
A
-
-
0.210
-
-
5.33
A1
0.010
-
-
0.25
-
-
A2
0.124
0.130
0.136
3.15
3.30
3.45
B
0.013
0.018
0.023
0.33
0.46
0.58
B1
0.045
0.060
0.075
1.14
1.52
1.91
c
0.005
0.010
0.015
0.13
0.25
0.38
D
0.340
0.360
0.380
8.64
9.14
9.65
E
0.275
0.300
0.325
6.99
7.62
8.26
E1
0.240
0.250
0.260
6.10
6.35
6.60
e1
0.090
0.100
0.110
2.29
2.54
2.79
L
0.120
0.130
0.140
3.05
3.30
3.56
a
0
-
15
0
-
15
eA
0.330
0.355
0.380
8.38
9.02
9.65
S
0.015
0.030
0.045
0.38
0.76
1.44
NOTE: 1. Controlling dimension : Inch
2. General appearance spec. should be based on final visual inspection spec.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com