Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8247VRP Datasheet(PDF) 57 Page - Freescale Semiconductor, Inc

Part # MPC8247VRP
Description  PowerQUICC II??Family Hardware Specifications
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8247VRP Datasheet(HTML) 57 Page - Freescale Semiconductor, Inc

Back Button MPC8247VRP Datasheet HTML 52Page - Freescale Semiconductor, Inc MPC8247VRP Datasheet HTML 53Page - Freescale Semiconductor, Inc MPC8247VRP Datasheet HTML 54Page - Freescale Semiconductor, Inc MPC8247VRP Datasheet HTML 55Page - Freescale Semiconductor, Inc MPC8247VRP Datasheet HTML 56Page - Freescale Semiconductor, Inc MPC8247VRP Datasheet HTML 57Page - Freescale Semiconductor, Inc MPC8247VRP Datasheet HTML 58Page - Freescale Semiconductor, Inc MPC8247VRP Datasheet HTML 59Page - Freescale Semiconductor, Inc MPC8247VRP Datasheet HTML 60Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 57 / 60 page
background image
MPC8272 PowerQUICC II™ Family Hardware Specifications, Rev. 1.5
Freescale Semiconductor
57
Document Revision History
11 Document Revision History
Table 22 lists significant changes between revisions of this hardware specification.
Table 22. Document Revision History
Revision
Date
Substantive Changes
1.5
12/2006
• Section 6, “AC Electrical Characteristics,” removed deratings statement and clarified AC
timing descriptions.
1.4
05/2006
• Added row for 133 MHz configurations to Table 7.
1.3
02/2006
• Inserted Section 6.3, “JTAG Timings.”
1.2
09/2005
• Added 133-MHz to the list of frequencies in the opening sentence of Section 6, “AC Electrical
Characteristics”.
• Added 133 MHz columns to Table 9, Table 10, Table 11, and Table 12.
• Added footnote 2 to Table 12.
• Added the conditions note directly above Table 11.
1.1
01/2005
• Modification for correct display of assertion level (“overbar”) for some signals
1.0
12/2004
• Section 1.1: Added 8:1 ratio to Internal CPM/bus clock multiplier values
• Section 2: removed voltage tracking note
• Table 3: Note 2 updated regarding VDD/VCCSYN relationship to VDDH during power-on reset
• Table 4: Updated VDD and VCCSYN to 1.425 V - 1.575 V
• Table 5: Note 2 updated to reflect VIH=2.5 for TCK, TRST, PORESET; request for external
pullup removed.
• Section 4.6: Updated description of layout practices
• Table 5: Note 3 added regarding IIC compatibility
• Table 7: Updated nominal and maximum power dissipation values
• Table 8: updated PCI impedance to 27
Ω, updated 60x and MEMC values and added note to
reflect configurable impedance
• Section 6: Added sentence providing derating factor
• Section 6.1: added Note: Rise/Fall Time on CPM Input Pins
• Table 9: updated values for following specs: sp36b, sp37a, sp38a, sp39a, sp38b, sp40, sp41,
sp42, sp43, sp42a
• Table 10: updated values for following specs: sp16a, sp16b, sp18a, sp18b, sp20, sp21, sp22
• Section 6.2: added spread sprectrum clocking note
• Section 6.2: added CLKIN jitter note
• Table 11: combined specs sp11 and sp11a
• Table 12: sp30 Data Bus minimum delay values changed to 0.8
• Section 7: unit of ns added to Tval notes
• Section 7: Updated all notes to reflect updated CPU Fmin of 150 MHz commercial temp
devices, 175 MHz extended temp; CPM Fmin of 120 MHz.
• Section 7, “Clock Configuration Modes”: Updated all table footnotes reflect updated CPU Fmin
of 150 MHz commercial temp devices, 175 MHz extended temp; CPM Fmin of 120 MHz.
• Table 20: correct superscript of footnote number after pin AD22
• Table 20: remove DONE3 from PC12
• Table 20: signals referring to TDMs C2 and D2 removed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com