Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8541EPXALD Datasheet(PDF) 31 Page - Freescale Semiconductor, Inc

Part # MPC8541EPXALD
Description  PowerQUICC??III Integrated Communications Processor Hardware Specifications
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8541EPXALD Datasheet(HTML) 31 Page - Freescale Semiconductor, Inc

Back Button MPC8541EPXALD Datasheet HTML 27Page - Freescale Semiconductor, Inc MPC8541EPXALD Datasheet HTML 28Page - Freescale Semiconductor, Inc MPC8541EPXALD Datasheet HTML 29Page - Freescale Semiconductor, Inc MPC8541EPXALD Datasheet HTML 30Page - Freescale Semiconductor, Inc MPC8541EPXALD Datasheet HTML 31Page - Freescale Semiconductor, Inc MPC8541EPXALD Datasheet HTML 32Page - Freescale Semiconductor, Inc MPC8541EPXALD Datasheet HTML 33Page - Freescale Semiconductor, Inc MPC8541EPXALD Datasheet HTML 34Page - Freescale Semiconductor, Inc MPC8541EPXALD Datasheet HTML 35Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 84 page
background image
MPC8541E PowerQUICC™ III Integrated Communications Processor Hardware Specifications, Rev. 4
Freescale Semiconductor
31
Local Bus
Figure 14 shows the MII management AC timing diagram.
Figure 14. MII Management Interface Timing Diagram
9
Local Bus
This section describes the DC and AC electrical specifications for the local bus interface of the
MPC8541E.
9.1
Local Bus DC Electrical Characteristics
Table 29 provides the DC electrical characteristics for the local bus interface.
Table 29. Local Bus DC Electrical Characteristics
Parameter
Symbol
Test Condition
Min
Max
Unit
High-level input voltage
VIH
VOUT ≥ VOH (min) or
2
OVDD + 0.3
V
Low-level input voltage
VIL
VOUT ≤ VOL (max)
–0.3
0.8
V
Input current
IIN
VIN
1 = 0 V or V
IN = VDD
—±5
μA
High-level output voltage
VOH
OVDD = min,
IOH = -2mA
OVDD – 0.2
—
V
Low-level output voltage
VOL
OVDD = min, IOL = 2mA
—
0.2
V
Note:
1. Note that the symbol VIN, in this case, represents the OVIN symbol referenced in Table 1 and Table 2.
MDC
tMDDXKH
tMDC
tMDCH
tMDCR
tMDCF
tMDDVKH
tMDKHDX
MDIO
MDIO
(Input)
(Output)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com