Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PP100GR. Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # PP100GR.
Description  5-WAY® Binding Posts and SUPERCON® Electrical Connectors
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PP100GR. Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button PP100GR. Datasheet HTML 3Page - List of Unclassifed Manufacturers PP100GR. Datasheet HTML 4Page - List of Unclassifed Manufacturers PP100GR. Datasheet HTML 5Page - List of Unclassifed Manufacturers PP100GR. Datasheet HTML 6Page - List of Unclassifed Manufacturers PP100GR. Datasheet HTML 7Page - List of Unclassifed Manufacturers PP100GR. Datasheet HTML 8Page - List of Unclassifed Manufacturers PP100GR. Datasheet HTML 9Page - List of Unclassifed Manufacturers PP100GR. Datasheet HTML 10Page - List of Unclassifed Manufacturers PP100GR. Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
SUPERCON®
Electrical Connectors
SUPERCON® Electrical Connectors incorporate
many advanced engineering features designed to
provide safe, rapid and positive panelboard con-
nections. Single conductor socket and pin type plugs
and receptacles are offered in 25, 50, 100 and 250
Amp capacities.
The 25, 50 and 100 Amp types are rated 125-250
VAC or DC current interrupting, 600 V unenergized
connect or disconnect use only; 250 Amp types are
rated 600 V unenergized connect or disconnect use
only. The 25, 50 and 100 Amp types are CSA certi-
fied under file No. LR-17812.
PLUGS - Plugs have a unique functionally designed
grip for handling ease and convenience. The vari-
ety of red, white, blue, yellow, black or green colors
permits wider latitude in patchboard distribution lay-
outs. Wiring connection to the same plug can be
either soldered or solderless. Cable fastening
screws are provided which permit a range of cable
sizes to be accommodated by the plug. All plug grips
are of a simple, two-piece threaded construction
for quick assembly.
RECEPTACLES - Receptacles have color-matched
nylon caps and bodies. All plastic parts of a recep-
tacle are molded through in the same color to per-
mit more rapid and accurate circuit identification on
both the front and back of the panel when installed.
Wiring connections are made to a threaded stud by
wire wraparound, by lug or bus bar connection.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com