Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8541ECVTALD Datasheet(PDF) 41 Page - Freescale Semiconductor, Inc

Part # MPC8541ECVTALD
Description  PowerQUICC??III Integrated Communications Processor Hardware Specifications
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8541ECVTALD Datasheet(HTML) 41 Page - Freescale Semiconductor, Inc

Back Button MPC8541ECVTALD Datasheet HTML 37Page - Freescale Semiconductor, Inc MPC8541ECVTALD Datasheet HTML 38Page - Freescale Semiconductor, Inc MPC8541ECVTALD Datasheet HTML 39Page - Freescale Semiconductor, Inc MPC8541ECVTALD Datasheet HTML 40Page - Freescale Semiconductor, Inc MPC8541ECVTALD Datasheet HTML 41Page - Freescale Semiconductor, Inc MPC8541ECVTALD Datasheet HTML 42Page - Freescale Semiconductor, Inc MPC8541ECVTALD Datasheet HTML 43Page - Freescale Semiconductor, Inc MPC8541ECVTALD Datasheet HTML 44Page - Freescale Semiconductor, Inc MPC8541ECVTALD Datasheet HTML 45Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 84 page
background image
MPC8541E PowerQUICC™ III Integrated Communications Processor Hardware Specifications, Rev. 4
Freescale Semiconductor
41
CPM
10 CPM
This section describes the DC and AC electrical specifications for the CPM of the MPC8541E.
10.1
CPM DC Electrical Characteristics
Table 32 provides the DC electrical characteristics for the CPM.
10.2
CPM AC Timing Specifications
Table 33 and Table 34 provide the CPM input and output AC timing specifications, respectively.
Table 32. CPM DC Electrical Characteristics
Characteristic
Symbol
Condition
Min
Max
Unit
Notes
Input high voltage
VIH
2.0
3.465
V
1
Input low voltage
VIL
GND
0.8
V
1, 2
Output high voltage
VOH
IOH = –8.0 mA
2.4
—
V
1
Output low voltage
VOL
IOL = 8.0 mA
—
0.5
V
1
Output high voltage
VOH
IOH = –2.0 mA
2.4
—
V
1
Output low voltage
VOL
IOL = 3.2 mA
—
0.4
V
1
Table 33. CPM Input AC Timing Specifications 1
Characteristic
Symbol 2
Min3
Unit
FCC inputs—internal clock (NMSI) input setup time
tFIIVKH
6ns
FCC inputs—internal clock (NMSI) hold time
tFIIXKH
0ns
FCC inputs—external clock (NMSI) input setup time
tFEIVKH
2.5
ns
FCC inputs—external clock (NMSI) hold time
tFEIXKHb2
ns
SPI inputs—internal clock (NMSI) input setup time
tNIIVKH
6ns
SPI inputs—internal clock (NMSI) input hold time
tNIIXKH
0ns
SPI inputs—external clock (NMSI) input setup time
tNEIVKH
4ns
SPI inputs—external clock (NMSI) input hold time
tNEIXKH
2ns
PIO inputs—input setup time
tPIIVKH
8ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com