Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8270VRP Datasheet(PDF) 27 Page - Freescale Semiconductor, Inc

Part # MPC8270VRP
Description  PowerQUICC II??Family Hardware Specifications
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8270VRP Datasheet(HTML) 27 Page - Freescale Semiconductor, Inc

Back Button MPC8270VRP Datasheet HTML 23Page - Freescale Semiconductor, Inc MPC8270VRP Datasheet HTML 24Page - Freescale Semiconductor, Inc MPC8270VRP Datasheet HTML 25Page - Freescale Semiconductor, Inc MPC8270VRP Datasheet HTML 26Page - Freescale Semiconductor, Inc MPC8270VRP Datasheet HTML 27Page - Freescale Semiconductor, Inc MPC8270VRP Datasheet HTML 28Page - Freescale Semiconductor, Inc MPC8270VRP Datasheet HTML 29Page - Freescale Semiconductor, Inc MPC8270VRP Datasheet HTML 30Page - Freescale Semiconductor, Inc MPC8270VRP Datasheet HTML 31Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 80 page
background image
MPC8280 PowerQUICC II™ Family Hardware Specifications, Rev. 1.7
Freescale Semiconductor
27
Clock Configuration Modes
0111_001
Reserved
0111_010
Reserved
0111_011
50.0
133.3
3
150.0
400.0
3
150.0
400.0
0111_100
42.9
133.3
3
128.6
400.0
3.5
150.0
466.7
0111_101
37.5
133.3
3
112.5
400.0
4
150.0
533.3
0111_110
33.3
133.3
3
100.0
400.0
4.5
150.0
600.0
0111_111
Reserved
1000_000
Reserved
1000_001
Reserved
1000_010
42.9
114.3
3.5
150.0
400.0
3.5
150.0
400.0
1000_011
37.5
114.3
3.5
131.3
400.0
4
150.0
457.1
1000_100
33.3
114.3
3.5
116.7
400.0
4.5
150.0
514.3
1000_101
30.0
114.3
3.5
105.0
400.0
5
150.0
571.4
1000_110
28.6
114.3
3.5
100.0
400.0
5.5
150.0
628.6
1100_000
Reserved
1100_001
Reserved
1100_010
Reserved
1101_000
Reserved
1
The “low” values are the minimum allowable frequencies for a given clock mode. The minimum bus frequency in a
table entry guarantees only the required minimum CPU operating frequency. The “high” values are for the purpose
of illustration only. Users must select a mode and input bus frequency so that the resulting configuration does not
violate the frequency rating of the user’s device. The minimum CPM frequency is 120 MHz. Minimum CPU frequency
is determined by the clock mode. For modes with a CPU multiplication factor <= 3, the minimum CPU frequency is
150 MHz for commercial temperature devices and 175 MHz for extended temperature devices. For modes with a CPU
multiplication factor >= 3.5: for Rev0.1 the minimum CPU frequency is 250 MHz; for RevA or later the minimum CPU
frequency is 150 MHz for commercial temperature devices and 175 MHz for extended temperature devices.
2
MODCK_H = hard reset configuration word [28–31]. MODCK[1-3] = three hardware configuration pins.
3
60x and local bus frequency. Identical to CLKIN.
4
CPM multiplication factor = CPM clock/bus clock
5
CPU multiplication factor = Core PLL multiplication factor
Table 16. Clock Configurations for Local Bus Mode 1 (continued)
Mode 2
Bus Clock 3
(MHz)
CPM
Multiplication
Factor 4
CPM Clock
(MHz)
CPU
Multiplication
Factor 5
CPU Clock
(MHz)
MODCK_H-MODCK[1-3]
Low
High
Low
High
Low
High



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com