Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD1002 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # PD1002
Description  Twisted Multipair Cables
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PD1002 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  PD1002 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Twisted Multipair Cables
Screened
Page <1>
06/06/12 V1.1
www.element14.com
www.farnell.com
www.newark.com
www.cpc.co.uk
Important Notice : This data sheet and its contents (the "Information") belong to the members of the Premier Farnell group of companies (the "Group") or are licensed to it. No licence is granted for the use of
it other than for information purposes in connection with the products to which it relates. No licence of any intellectual property rights is granted. The Information is subject to change without notice and replaces
all data sheets previously supplied. The Information supplied is believed to be accurate but the Group assumes no responsibility for its accuracy or completeness, any error in or omission from it or for any use
made of it. Users of this data sheet should check for themselves the Information and the suitability of the products for their purpose and not make any assumptions based on information included or omitted.
Liability for loss or damage resulting from any reliance on the Information or use of it (including liability resulting from negligence or where the Group was aware of the possibility of such loss or damage arising)
is excluded. This will not operate to limit or restrict the Group's liability for death or personal injury resulting from its negligence. Pro-POWER is the registered trademark of the Group. © Premier Farnell plc 2012.
Specifications Table
Conductor CSA (mm2)
0.22
Core - Core Capacitance (pF / m)
98
Core - Screen Capacitance (pF / m)
164
Conductor Make-up
7 / 0.203
External Diameter
5.71
5.97
6.73
7.24
7.49
10.16
Impedance
77 R
85 R
Conductor Material
Tinned Copper
Primary Insulation Material
PVC
Secondary Insulation Material
PVC
Secondary Insulation Colour
Grey
Number of Pairs
2
3
4
5
6
15
Number of Cores
4
6
8
10
12
30
Drain Wire Type
Integral
Primary Screen Type
Aluminised Polyester Tape
Part Number
PD1002
PD1003
PD1004
PD1005
PD1006
PD1015
Dimensions : Millimetres


Similar Part No. - PD1002

ManufacturerPart #DatasheetDescription
logo
Multicomp Pro
PD1002 MULTICOMP-PD1002 Datasheet
144Kb / 1P
Twisted Multipair Cables Screened
02/09/20 V1.0
logo
Pro-Power
PD1002 PROPOWER-PD1002 Datasheet
128Kb / 1P
Twisted Multipair Cables Screened
06/06/12 V1.1
More results

Similar Description - PD1002

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PD1015 ETC2-PD1015 Datasheet
129Kb / 1P
Twisted Multipair Cables Screened
logo
Emerson Network Power
30-9530 EMERSON-NETWORKPOWER-30-9530 Datasheet
59Kb / 1P
Computer Cables Adapters Cables
logo
Hammond Manufacturing L...
VCT HAMMOND-VCT Datasheet
59Kb / 1P
Chemin de cables pour cables verticaux
logo
Samtec, Inc
FFTP-05-D-18.00-01-N SAMTEC-FFTP-05-D-18.00-01-N Datasheet
259Kb / 1P
TIGER EYE??TWISTED PAIR IDC CABLES
logo
SICK AG
DOL-0803-G02MCS01 SICK-DOL-0803-G02MCS01 Datasheet
274Kb / 4P
Connecting cables
DSL-1204-G1M5 SICK-DSL-1204-G1M5 Datasheet
238Kb / 4P
Connection cables
DSL-8204-G20M SICK-DSL-8204-G20M Datasheet
239Kb / 4P
Connection cables
logo
Ultralife Corporation.
CAXXXX ULTRALIFE-CAXXXX Datasheet
475Kb / 3P
Cables
26 MAY 21 Rev: R
logo
Balluff Korea Ltd.
BCC0AC9 BALLUFF-BCC0AC9 Datasheet
90Kb / 2P
Bulk Cables
0.5_2022-07-16
logo
Omega Engineering, Inc.
4KX20PP OMEGA-4KX20PP Datasheet
9Mb / 1P
Multipair Extension Cable
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com