Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC-P40/PCB Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # PIC-P40/PCB
Description  PIC-P40 development board
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PIC-P40/PCB Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  PIC-P40/PCB Datasheet HTML 1Page - List of Unclassifed Manufacturers PIC-P40/PCB Datasheet HTML 2Page - List of Unclassifed Manufacturers PIC-P40/PCB Datasheet HTML 3Page - List of Unclassifed Manufacturers PIC-P40/PCB Datasheet HTML 4Page - List of Unclassifed Manufacturers PIC-P40/PCB Datasheet HTML 5Page - List of Unclassifed Manufacturers PIC-P40/PCB Datasheet HTML 6Page - List of Unclassifed Manufacturers PIC-P40/PCB Datasheet HTML 7Page - List of Unclassifed Manufacturers PIC-P40/PCB Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
FEATURES:
• ICSP/ICD connector for programming and debugging
• RS232 interface with MAX232 IC on socket
• DIL40 microcontroller socket
• Quartz crystal 20Mhz
• LED to RA0 through jumper
• user Button to RE2
• Reset button and circuit
• Power plug-in jack, accept AC and DC input
• selectable +3.3V / +5V power supply voltage regulator (3.3V when jumper is
closed)
• Extension slot on every uC pin
• Gird 100 mils
• GND bus
• Vcc bus
• Four mounting holes 3,3 mm (0,13")
• FR-4, 1.5 mm (0,062"), green soldermask, white silkscreen component print
• Dimensions 100x80 mm (3,9x3,15")
Page 4



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com