Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PFP2513 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # PFP2513
Description  WASH.FM A A2 M3.5 (PK 250).
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PFP2513 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  PFP2513 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
WASH.FM A A2 M3.5 (PK 250).
WASH.FM A A2 M3.5 (PK 250).
Internal Diameter: 3.5mm
External Diameter: 7mm
Fastener Material: Stainless Steel
Thread Type: Metric
Material: Stainless Steel
Thread Size: M3.5
Thread Size - Metric: M3.5


Similar Part No. - PFP2513

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PFP2584 ETC-PFP2584 Datasheet
32Kb / 1P
RBK REC.CSK ULT.W/S ZYP 4.0X40 (PK 200)
More results

Similar Description - PFP2513

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
30-261 ETC2-30-261 Datasheet
60Kb / 1P
100 PK MODEL 61 CONNECTOR
logo
Nell Semiconductor Co.,...
NKD250 NELLSEMI-NKD250_14 Datasheet
487Kb / 4P
Standard Diodes, 250 A
logo
PHOENIX CONTACT
1028076 PHOENIX-1028076 Datasheet
66Kb / 4P
Distribution block - PTFIX 2X2,5 PK
3273807 PHOENIX-3273807 Datasheet
67Kb / 4P
Distribution block - PTFIX 6X4 PK
3273829 PHOENIX-3273829 Datasheet
68Kb / 4P
Distribution block - PTFIX 12X4 PK
1045941 PHOENIX-1045941 Datasheet
464Kb / 21P
Distribution block - PTFIX 2X1,5 PK
Jun 22, 2022
1046618 PHOENIX-1046618 Datasheet
496Kb / 22P
Distribution block - PTFIX 4X1,5 PK
Jun 24, 2022
1028369 PHOENIX-1028369 Datasheet
523Kb / 21P
Distribution block - PTFIX 2X4 PK
Nov 30, 2022
3273325 PHOENIX-3273325 Datasheet
642Kb / 27P
Distribution block - PTFIX 18X2,5 PK
Nov 30, 2022
3273851 PHOENIX-3273851 Datasheet
556Kb / 22P
Distribution block - PTFIX 18X4 PK
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com