Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PFSERIESFS Datasheet(PDF) 7 Page - Freescale Semiconductor, Inc

Part # PFSERIESFS
Description  KITPF0100SKTEVBE Programming Socket Configures PF Family Devices
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PFSERIESFS Datasheet(HTML) 7 Page - Freescale Semiconductor, Inc

Back Button PFSERIESFS Datasheet HTML 3Page - Freescale Semiconductor, Inc PFSERIESFS Datasheet HTML 4Page - Freescale Semiconductor, Inc PFSERIESFS Datasheet HTML 5Page - Freescale Semiconductor, Inc PFSERIESFS Datasheet HTML 6Page - Freescale Semiconductor, Inc PFSERIESFS Datasheet HTML 7Page - Freescale Semiconductor, Inc PFSERIESFS Datasheet HTML 8Page - Freescale Semiconductor, Inc PFSERIESFS Datasheet HTML 9Page - Freescale Semiconductor, Inc PFSERIESFS Datasheet HTML 10Page - Freescale Semiconductor, Inc PFSERIESFS Datasheet HTML 11Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
KTPF0100SKTUG User’s Guide Rev. 1.0 6/2013
Freescale Semiconductor, Inc.
7
Schematic
8
Schematic
Mounting Holes
GPIO1
GPIO2
PWRON
SCL
VDDOTP
SDA
SCL
SDA
VDDOTP
3V3
3V3
3V3
GPIO2
PWRON
3V3
3V3
0
0
0
0
0
0
0
0
0
0
0
0
R2
300
MMPF0100NPEP + 56QN50S18080
U1C
SW1CIN
12
SW1VSSSNS
14
SW2IN_1
23
SW3AFB
38
SW3AIN
37
SW3ALX
36
SW3BFB
33
SW3BIN
34
SW3BLX
35
SW3VSSSNS
32
SW4FB
19
SW4IN
20
SWBSTFB
44
SWBSTIN
45
SWBSTLX
46
SW1AIN
7
SW1ALX
8
SW1BIN
10
SW1BLX
9
SW1CFB
13
SW1CLX
11
SW1FB
6
SW2FB
25
SW2LX
22
SW4LX
21
SW2IN_2
24
SCL_TP1
BH3
MTG
PWRON_TP1
D2
LED Red
GPIO2_TP2
R5
4.7K
BH2
MTG
C4
1uF
BH1
MTG
VDDOTP_TP1
C1
10uF
GPIO2_TP1
C2
1uF
C7
0.1UF
D1
LED Green
R4
4.7K
J1
HDR 2X4
1
2
3
4
6
5
7
8
R6
10.0K
C5
10uF
DNP
+ C8
10uF
C3
0.1UF
CONSUMER/INDUSTRIAL
MMPF0100NPEP + 56QN50S18080
U1A
ICTEST
5
INTB
1
RESETBMCU
3
SCL
54
SDA
53
SDWNB
2
STANDBY
4
VCOREDIG
51
VCOREREF
52
VDDIO
55
VDDOTP
47
PWRON
56
VCORE
49
GNDREF
48
VIN
50
C6
10uF
SDA_TP1
MMPF0100NPEP + 56QN50S18080
U1B
VGEN1
16
VGEN2
18
VIN3
40
VHALF
29
VIN1
17
VGEN6
41
VINREFDDR
30
VREFDDR
31
VSNVS
43
VGEN3
26
VGEN4
28
VIN2
27
LICELL
42
VGEN5
39
3V3_TP1
BH4
MTG
R1
10.0K
R3
300



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com