Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS50GB Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # PS50GB
Description  5-WAY® Binding Posts and SUPERCON® Electrical Connectors
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PS50GB Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  PS50GB Datasheet HTML 1Page - List of Unclassifed Manufacturers PS50GB Datasheet HTML 2Page - List of Unclassifed Manufacturers PS50GB Datasheet HTML 3Page - List of Unclassifed Manufacturers PS50GB Datasheet HTML 4Page - List of Unclassifed Manufacturers PS50GB Datasheet HTML 5Page - List of Unclassifed Manufacturers PS50GB Datasheet HTML 6Page - List of Unclassifed Manufacturers PS50GB Datasheet HTML 7Page - List of Unclassifed Manufacturers PS50GB Datasheet HTML 8Page - List of Unclassifed Manufacturers PS50GB Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
Larger Stud Single Assembly
5-WAY® Binding Posts
123
123
123
123
123
123
123
123
123
123
123
123
123
123
123
123
123
123
123
123
123
123
123
123
123
123
123
123
123
123
123
123
123
123
123
123
123
123
123
123
123
123
123
123
123
123
123
123
123
123
123
123
123
123
123
123
123
123
123
123
123
123
123
123
123
123
123
123
123
123
123
123
123
123
123
123
123
123
123
123
123
123
123
123
123
123
123
123
123
123
123
123
123
Plug-in for stand-
ard banana plug.
Clip-lead to
shaft.
Wire looped
around shaft and
clamped.
Wire clamped
through center
hole.
Clamped spade
lug connection.
1.
2.
3.
4.
5.
Larger stud single assembly types have the same
features as types described on page 2 but have a
larger #10-32 stud for behind the panel connections.
Grounding type is made of polished nickel plated
brass.
Larger Stud Hex Nut and Fluted Nut Types -
Rated for 30A, 1000 V working.
All Metal Grounding Type BP30GP10 - For mak-
ing rapid connections to ground.
Larger Stud
Larger Stud
Color of
Plating
Hex Nut
Fluted Nut
Plastic
On Brass
Type**
Type**
Parts
Parts
BP30-10R
BP31-10R
Red
Gold
BP30-10WT
BP31-10WT
White
Gold
BP30-10BL
BP31-10BL
Blue
Gold
BP30-10Y
BP31-10Y
Yellow
Gold
BP30-10B
BP31-10B
Black
Gold
BP30-10GN
BP31-10DG
Green
Gold
BP30GP10
N/A
N/A
Nickel
** Type numbers given are for larger stud binding posts with gold plated
brass parts, except BP30GP10 which is nickel plated. For nickel plated
brass parts add suffix N, for tin plated brass parts add suffix T; for
example, PB30-10GNN (nickel) or BP30-10GNT (tin). Order single
pack quantities by adding suffix “-1 PKG”, for example BP30-10B-1
PKG; order bulk pack quantities by adding suffix” -B PKG”, for ex-
ample BP30-10B-B PKG.
BP31-10R
BP30-10GN
BP30GP10
TYPES BP30-10 and BP31-10 DIMENSIONS
TYPE BP30GP10 DIMENSIONS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com