Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MK73-R12/24VUC Datasheet(PDF) 1 Page - Turck, Inc.

Part # MK73-R12/24VUC
Description  Relay coupler 1-channel
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TURCK [Turck, Inc.]
Direct Link  https://www.turck.us/en/index.php
Logo TURCK - Turck, Inc.

MK73-R12/24VUC Datasheet(HTML) 1 Page - Turck, Inc.

  MK73-R12/24VUC Datasheet HTML 1Page - Turck, Inc. MK73-R12/24VUC Datasheet HTML 2Page - Turck, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Relay coupler
1-channel
MK73-R12/24VUC
1 / 2
Hans Turck GmbH & Co.KG ñ D-45472 Mülheim an der Ruhr ñ Witzlebenstraße 7 ñ Tel. 0208 4952-0 ñ Fax 0208 4952-264 ñ more@turck.com ñ www.turck.com
The 1-channel relay coupler MK73-
R12/24VUC is suited for use as a coupling
module.
2 synchronous controlled relays, each with 1
changeover contact are provided at the out-
put.
Suited for 24 VUC input signals.
A yellow LED indicates the switching status of
the output.
■ Relay coupler, 1-channel
■ Relay acc. to VDE 0435
■ Output: 2 relays each with 1
changeover contact
■ 5 A switching current at 230 VAC
■ Galvanic isolation of input to output cir-
cuits


Similar Part No. - MK73-R12/24VUC

ManufacturerPart #DatasheetDescription
logo
Caddock Electronics, In...
MK732 CADDOCK-MK732 Datasheet
430Kb / 2P
Type MK Precision Power Film Radial-Lead Resistors
More results

Similar Description - MK73-R12/24VUC

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
FTR-K3L FUJITSU-FTR-K3L Datasheet
234Kb / 7P
POWER RELAY 1 POLE - 25A Latching Relay
FTR-K3L-WG FUJITSU-FTR-K3L-WG Datasheet
386Kb / 8P
POWER RELAY 1 POLE - 25A - Latching relay
logo
First Silicon Co., Ltd
PC817 FS-PC817 Datasheet
140Kb / 4P
1-CHANNEL TRANSISTOR OUTPUT TYPE PHOTO COUPLER
2016. 07. 30 Rev No : 0
logo
SparkFun Electronics
ROB-12211 SPARKFUN-ROB-12211 Datasheet
196Kb / 1P
Shaft Coupler - 1/4 to 6mm
1/15/2016
ROB-12244 SPARKFUN-ROB-12244 Datasheet
93Kb / 1P
Shaft Coupler - 1/4 to 1/8
1/15/2016
ROB-12251 SPARKFUN-ROB-12251 Datasheet
90Kb / 1P
Shaft Coupler - 1/4 to 1/4
1/15/2016
ROB-12325 SPARKFUN-ROB-12325 Datasheet
88Kb / 1P
Shaft Coupler - 1/4 to 5mm
1/15/2016
ROB-12412 SPARKFUN-ROB-12412 Datasheet
89Kb / 1P
Shaft Coupler - 1/4 to 3mm
1/15/2016
ROB-12493 SPARKFUN-ROB-12493 Datasheet
94Kb / 2P
Shaft Coupler - 1/4 to 4mm
1/15/2016
logo
Pepperl+Fuchs Inc.
KFD2-BR-EX1.3PA.93 PF-KFD2-BR-EX1.3PA.93 Datasheet
1Mb / 7P
Segment Coupler 1
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com