Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IM1-22EX-R Datasheet(PDF) 3 Page - Turck, Inc.

Part # IM1-22EX-R
Description  Isolating switching amplifier 2-channel
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TURCK [Turck, Inc.]
Direct Link  https://www.turck.us/en/index.php
Logo TURCK - Turck, Inc.

IM1-22EX-R Datasheet(HTML) 3 Page - Turck, Inc.

  IM1-22EX-R Datasheet HTML 1Page - Turck, Inc. IM1-22EX-R Datasheet HTML 2Page - Turck, Inc. IM1-22EX-R Datasheet HTML 3Page - Turck, Inc. IM1-22EX-R Datasheet HTML 4Page - Turck, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Hans Turck GmbH & Co.KG ñ D-45472 Mülheim an der Ruhr ñ Witzlebenstraße 7 ñ Tel. 0208 4952-0 ñ Fax 0208 4952-264 ñ more@turck.com ñ www.turck.com3 / 4
Mechanical data
Protection class
IP20
Flammability class acc. to UL 94
V-0
Ambient temperature
-25…+70 °C
-25 ... +60 °C für UL, FM, TIIS
Storage temperature
-40…+80 °C
Dimensions
104 x 18 x 110 mm
Weight
173 g
Mounting instructions
DIN rail (NS35) or panel
Housing material
Polycarbonate/ABS
Electrical connection
4 × 3-pin removable terminal blocks, reverse polarity
protected, screw terminal
Terminal cross-section
1 × 2.5 mm²/2 × 1.5 mm²
Tightening torque
0.5 Nm



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com