Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IM12-22EX-R Datasheet(PDF) 2 Page - Turck, Inc.

Part # IM12-22EX-R
Description  Isolating switching amplifier 2-channel
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TURCK [Turck, Inc.]
Direct Link  https://www.turck.us/en/index.php
Logo TURCK - Turck, Inc.

IM12-22EX-R Datasheet(HTML) 2 Page - Turck, Inc.

  IM12-22EX-R Datasheet HTML 1Page - Turck, Inc. IM12-22EX-R Datasheet HTML 2Page - Turck, Inc. IM12-22EX-R Datasheet HTML 3Page - Turck, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Hans Turck GmbH & Co.KG ñ D-45472 Mülheim an der Ruhr ñ Witzlebenstraße 7 ñ Tel. 0208 4952-0 ñ Fax 0208 4952-264 ñ more@turck.com ñ www.turck.com2 / 3
Type
IM12-22EX-R
ID
7541233
Nominal voltage
Universal voltage supply unit
Operating voltage
20…250 VAC
Frequency
40…70 Hz
Operating voltage
20…125 VDC
Power consumption
ð
3 W
Input
2-channel or 1-channel with signal doubling
NAMUR input
NAMUR
EN 60947-5-6
No-load voltage
8.2 VDC
Short-circuit current
8.2 mA
Input resistance
1 kò
Cable resistance
ð
50 ò
Switch-on threshold
1.55 mA
Switch-off threshold
1.75 mA
Output circuits
Output circuits (digital)
2 x relays (NO)
Output switching voltage relay
ð
30 VDC / ð 250 VAC
Switching current per output
ð
2 A
Switching capacity per output
ð
500 VA/60 W
Switching frequency
ð
10 Hz
Galvanic isolation
Test voltage
2.5 kV RMS
Important note
For Ex-applications the values specified in the corre-
sponding Ex certificates (ATEX, IECEx, UL, etc.) ap-
ply.
Ex approval acc. to conformity certificate
TÜV 04 ATEX 2553
Application area
II (1) G, II (1) D
Ignition protection category
[Ex ia Ga] IIC; [Ex ia Da] IIIC
Ex approval acc. to conformity certificate
TÜV 06 ATEX 552968 X
Application area
II 3 G
Ignition protection type
Ex nA nC [ic Gc] IIC/IIB T4 Gc
Characteristic
linear
Displays/Operating elements
Operational readiness
Green
Switching state
Yellow
Error indication
red
Mechanical data
Protection class
IP20
Flammability class acc. to UL 94
V-0
Ambient temperature
-25…+70 °C
-25 ... +60 °C für UL, FM, TIIS
Storage temperature
-40…+80 °C
Dimensions
104 x 18 x 110 mm
Weight
155 g
Mounting instructions
DIN rail (NS35) or panel
Housing material
Polycarbonate/ABS
Electrical connection
4 × 3-pin removable terminal blocks, reverse polarity
protected, screw terminal
Terminal cross-section
1 × 2.5 mm²/2 × 1.5 mm²
Tightening torque
0.5 Nm
Dimensions
Output relay – Load curve
Output relay – Electrical lifetime



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com