Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IM1-231EX-R Datasheet(PDF) 1 Page - Turck, Inc.

Part # IM1-231EX-R
Description  Isolating switching amplifier 2-channel
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TURCK [Turck, Inc.]
Direct Link  https://www.turck.us/en/index.php
Logo TURCK - Turck, Inc.

IM1-231EX-R Datasheet(HTML) 1 Page - Turck, Inc.

  IM1-231EX-R Datasheet HTML 1Page - Turck, Inc. IM1-231EX-R Datasheet HTML 2Page - Turck, Inc. IM1-231EX-R Datasheet HTML 3Page - Turck, Inc. IM1-231EX-R Datasheet HTML 4Page - Turck, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Hans Turck GmbH & Co.KG ñ D-45472 Mülheim an der Ruhr ñ Witzlebenstraße 7 ñ Tel. 0208 4952-0 ñ Fax 0208 4952-264 ñ more@turck.com ñ www.turck.com1 / 4
Isolating switching amplifier
2-channel
IM1-231EX-R
The 2-channel IM1-231EX-R isolating switch-
ing amplifier is equipped with intrinsically safe
input circuits.
Sensors according to EN 60947-5-6 (NAMUR)
or potential-free contact transmitters can be
connected to the device.
The output circuits each feature a relay with
a changeover contact. In addition, the device
features a common alarm output.
Via four switches on the front, the output
mode (work or quiescent current behavior, i.e.
NO/NC) can be switched on and off separate-
ly for each channel as well as wire-break (WB)
and short-circuit monitoring (SC).
When using mechanical contacts, wire-break
and short-circuit monitoring must be switched
off or the contacts must be wired to resistors
(II) (see circuit diagram).
The Pwr LED lights green to indicate opera-
tional readiness. The 2-color LED 1 lights yel-
low to indicate the switching status of the out-
put. In the event of an input circuit error, the 2-
color LED turns red, with the input circuit mon-
itoring switched on. Thereupon the output and
the alarm relay drop out.
■ 2 relay outputs (changeover)
■ Output mode adjustable (NO/NC mode)
■ Input circuits monitored for wire-break/
short-circuit (ON/OFF switchable)
■ Common alarm output
■ Complete galvanic isolation
■ Input reverse-polarity protected
■ ATEX, IECEx, TR CU, INMETRO, NEPSI
■ Installation in zone 2


Similar Part No. - IM1-231EX-R

ManufacturerPart #DatasheetDescription
logo
Turck, Inc.
IM1-22-R TURCK-IM1-22-R Datasheet
296Kb / 3P
Isolating switching amplifier 2-channel
2023-07-21
IM1-22EX-MT TURCK-IM1-22EX-MT Datasheet
257Kb / 4P
Isolating switching amplifier 2-channel
2023-07-21
IM1-22EX-R TURCK-IM1-22EX-R Datasheet
299Kb / 4P
Isolating switching amplifier 2-channel
2023-07-21
IM1-22EX-R/230VAC TURCK-IM1-22EX-R/230VAC Datasheet
282Kb / 3P
Isolating switching amplifier 2-channel
2023-07-21
IM1-22EX-R/24VDC TURCK-IM1-22EX-R/24VDC Datasheet
297Kb / 3P
Isolating switching amplifier 2-channel
2023-07-21
More results

Similar Description - IM1-231EX-R

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
TSX00-EX MORNSUN-TSX00-EX Datasheet
453Kb / 3P
Isolating / Safety Switching Barrier
TSX01-EX MORNSUN-TSX01-EX Datasheet
461Kb / 3P
Isolating / Safety Switching Barrier
logo
List of Unclassifed Man...
IM1-22EX-T ETC2-IM1-22EX-T Datasheet
237Kb / 4P
Isolating switching amplifier
logo
PHOENIX CONTACT
2810078 PHOENIX-2810078 Datasheet
306Kb / 10P
Configurable 3-way isolating amplifier
2810793 PHOENIX-2810793 Datasheet
317Kb / 12P
Configurable 3-way isolating amplifier
2865405 PHOENIX-2865405 Datasheet
387Kb / 9P
Output isolating amplifier Ex
2924087 PHOENIX-2924087 Datasheet
313Kb / 12P
Intrinsically safe NAMUR isolating amplifier, 2-channel, with relay output
logo
Pepperl+Fuchs Inc.
S1SD-1AI-1U.1 PF-S1SD-1AI-1U.1 Datasheet
813Kb / 4P
Isolating Amplifier
2022-01-10
S1SD-1AI-1U.2 PF-S1SD-1AI-1U.2 Datasheet
817Kb / 4P
Isolating Amplifier
2022-01-10
S1SD-1AI-2U PF-S1SD-1AI-2U Datasheet
820Kb / 4P
Isolating Amplifier/Splitter
2022-01-10
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com