Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CZRU52C2 Datasheet(PDF) 2 Page - Comchip Technology

Part # CZRU52C2
Description  SMD Zener Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CZRU52C2 Datasheet(HTML) 2 Page - Comchip Technology

  CZRU52C2 Datasheet HTML 1Page - Comchip Technology CZRU52C2 Datasheet HTML 2Page - Comchip Technology CZRU52C2 Datasheet HTML 3Page - Comchip Technology CZRU52C2 Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Page 2
REV:A
QW-A2002
SMD Zener Diode
-
CZRU52C2
CZRU52C2V2
CZRU52C2V4
CZRU52C2V7
CZRU52C3
CZRU52C3V3
CZRU52C3V6
CZRU52C3V9
CZRU52C4V3
CZRU52C4V7
CZRU52C5V1
CZRU52C5V6
CZRU52C6V2
CZRU52C6V8
CZRU52C7V5
CZRU52C8V2
CZRU52C9V1
CZRU52C10
CZRU52C11
CZRU52C12
CZRU52C13
CZRU52C15
CZRU52C16
CZRU52C18
CZRU52C20
CZRU52C22
CZRU52C24
CZRU52C27
CZRU52C30
CZRU52C33
CZRU52C36
CZRU52C39
Part Number
Marking
Code
Z0
Z1
Z2
Z3
Z4
Z5
Z6
Z7
Z8
Z9
ZA
ZB
ZC
ZE
ZF
ZG
ZH
ZJ
ZK
ZM
ZN
ZP
ZQ
ZR
ZS
ZT
ZU
ZV
ZW
ZX
ZY
ZZ
1.90
2.09
2.28
2.57
2.85
3.14
3.42
3.71
4.09
4.47
4.85
5.32
5.89
6.46
7.13
7.79
8.65
9.50
10.45
11.40
12.35
14.25
15.20
17.10
19.00
20.90
22.80
25.65
28.50
31.35
34.20
37.05
Min
Max
2.10
2.31
2.52
2.84
3.15
3.47
3.78
4.10
4.52
4.94
5.36
5.88
6.51
7.14
7.88
8.61
9.56
10.50
11.55
12.60
13.65
15.75
16.80
18.90
21.00
23.10
25.20
28.35
31.50
34.65
37.80
40.95
5
IZ(mA)
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
100
100
85
83
95
95
95
95
95
78
60
40
10
8
7
7
10
15
20
20
25
30
40
50
50
55
80
80
80
80
90
90
Max
5
IZ(mA)
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
600
600
600
500
500
500
500
500
500
500
480
400
200
150
50
50
50
70
70
90
110
110
170
170
220
220
220
250
250
250
250
300
Max
1
IZ(mA)
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
100
100
100
75
50
25
15
10
5
5
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
Max
1
VR(V)
1
1
1
1
1
1
1
1
2
0.8
1
2
3
5
7
7.5
8.5
9
10
11
12
14
15
17
18
20
23
25
27
29
6
VZ(V)
ZZT(Ohm)
ZZK(Ohm)
IR(uA)
Zener Voltage
Operating
resistance
Rising
operating
Resistance
Reverse
current
O
Electrical Characteristics(Ta = 25 C)
SMD DIODE SPECIALIST
COMCHIP
Comchip Technology Corporation • Tel: 510-657-8671 • Fax: 510-657-8921 • www.comchiptech.com



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com