Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPX12DP Datasheet(PDF) 6 Page - Freescale Semiconductor, Inc

Part # MPX12DP
Description  10 kPa Uncompensated Silicon Pressure Sensors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPX12DP Datasheet(HTML) 6 Page - Freescale Semiconductor, Inc

  MPX12DP Datasheet HTML 1Page - Freescale Semiconductor, Inc MPX12DP Datasheet HTML 2Page - Freescale Semiconductor, Inc MPX12DP Datasheet HTML 3Page - Freescale Semiconductor, Inc MPX12DP Datasheet HTML 4Page - Freescale Semiconductor, Inc MPX12DP Datasheet HTML 5Page - Freescale Semiconductor, Inc MPX12DP Datasheet HTML 6Page - Freescale Semiconductor, Inc MPX12DP Datasheet HTML 7Page - Freescale Semiconductor, Inc MPX12DP Datasheet HTML 8Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
PACKAGE DIMENSIONS
CASE 344-15
ISSUE AA
UNIBODY PACKAGE
CASE 344B-01
ISSUE B
UNIBODY PACKAGE
NOTES:
1.
2.
3.
DIMENSIONING AND TOLERANCING PER ASME
Y14.5M, 1994.
CONTROLLING DIMENSION: INCH.
DIMENSION -A- IS INCLUSIVE OF THE MOLD
STOP RING. MOLD STOP RING NOT TO EXCEED
16.00 (0.630).
M
A
M
0.136 (0.005)
T
1
234
PIN 1
R
N
L
G
F
D 4 PL
SEATING
PLANE
-T-
C
M
J
B
-A-
DAMBAR TRIM ZONE:
F
THIS IS INCLUDED
WITHIN DIM. "F" 8 PL
1
23
4
Y
Z
STYLE 1:
PIN 1. GROUND
2. + OUTPUT
3. + SUPPLY
4. - OUTPUT
STYLE 2:
PIN 1. VCC
2. - SUPPLY
3. + SUPPLY
4. GROUND
STYLE 3:
PIN 1. GND
2. -VOUT
3. VS
4. +VOUT
DIM
MIN
MAX
MIN
MAX
MILLIMETERS
INCHES
A
0.595
0.630
15.11
16.00
B
0.514
0.534
13.06
13.56
C
0.200
0.220
5.08
5.59
D
0.016
0.020
0.41
0.51
F
0.048
0.064
1.22
1.63
G
0.100 BSC
2.54 BSC
J
0.014
0.016
0.36
0.40
L
0.695
0.725
17.65
18.42
M
30˚ NOM
30˚ NOM
N
0.475
0.495
12.07
12.57
R
0.430
0.450
10.92
11.43
Y
0.048
0.052
1.22
1.32
Z
0.106
0.118
2.68
3.00
NOTES:
1.
2.
DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
CONTROLLING DIMENSION: INCH.
D 4 PL
F
U
H
L
PORT #1
POSITIVE
PRESSURE
(P1)
PIN 1
-A-
-Q-
S
K
G
-P-
S
Q
M
0.25 (0.010)
T
S
S
M
0.13 (0.005)
Q S
T
12
3 4
SEATING
PLANE
B
N
R
C
J
-T-
STYLE 1:
PIN 1. GROUND
2. + OUTPUT
3. + SUPPLY
4. - OUTPUT
DIM
MIN
MAX
MIN
MAX
MILLIMETERS
INCHES
A
1.145
1.175
29.08
29.85
B
0.685
0.715
17.40
18.16
C
0.305
0.325
7.75
8.26
D
0.016
0.020
0.41
0.51
F
0.048
0.064
1.22
1.63
G
0.100 BSC
2.54 BSC
H
0.182
0.194
4.62
4.93
J
0.014
0.016
0.36
0.41
K
0.695
0.725
17.65
18.42
L
0.290
0.300
7.37
7.62
N
0.420
0.440
10.67
11.18
P
0.153
0.159
3.89
4.04
Q
0.153
0.159
3.89
4.04
R
0.230
0.250
5.84
6.35
S
U
0.910 BSC
23.11 BSC
0.220
0.240
5.59
6.10
MPX12
Sensors
6
Freescale Semiconductor



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com