Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPX12GP Datasheet(PDF) 4 Page - Freescale Semiconductor, Inc

Part # MPX12GP
Description  10 kPa Uncompensated Silicon Pressure Sensors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPX12GP Datasheet(HTML) 4 Page - Freescale Semiconductor, Inc

  MPX12GP Datasheet HTML 1Page - Freescale Semiconductor, Inc MPX12GP Datasheet HTML 2Page - Freescale Semiconductor, Inc MPX12GP Datasheet HTML 3Page - Freescale Semiconductor, Inc MPX12GP Datasheet HTML 4Page - Freescale Semiconductor, Inc MPX12GP Datasheet HTML 5Page - Freescale Semiconductor, Inc MPX12GP Datasheet HTML 6Page - Freescale Semiconductor, Inc MPX12GP Datasheet HTML 7Page - Freescale Semiconductor, Inc MPX12GP Datasheet HTML 8Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
MPX12
Sensors
4
Freescale Semiconductor
TEMPERATURE COMPENSATION
Figure 2 shows the typical output characteristics of the
MPX12 series over temperature.
Because this strain gauge is an integral part of the silicon
diaphragm, there are no temperature effects due to
differences in the thermal expansion of the strain gauge and
the diaphragm, as are often encountered in bonded strain
gauge pressure sensors. However, the properties of the
strain gauge itself are temperature dependent, requiring that
the device be temperature compensated if it is to be used
over an extensive temperature range.
Temperature compensation and offset calibration can be
achieved rather simply with additional resistive components,
or by designing your system using the MPX2010D series
sensor.
Several approaches to external temperature
compensation over both –40 to +125°C and 0 to +80°C
ranges are presented in Applications Note AN840.
LINEARITY
Linearity refers to how well a transducer's output follows
the equation: Vout = Voff + sensitivity x P over the operating
pressure range (Figure 3). There are two basic methods for
calculating nonlinearity: (1) end point straight line fit or (2) a
least squares best line fit. While a least squares fit gives the
“best case” linearity error (lower numerical value), the
calculations required are burdensome.
Conversely, an end point fit will give the “worst case” error
(often more desirable in error budget calculations) and the
calculations are more straightforward for the user.
Freescale’s specified pressure sensor linearities are based
on the end point straight line method measured at the
midrange pressure.
Figure 2. Output versus Pressure Differential
Figure 3. Linearity Specification Comparison
Pressure Differential
80
70
60
50
40
30
20
10
0
0
0.3
2.0
0.6
4.0
0.9
6.0
1.2
8.0
10
1.5
PSI
kPa
Span
Range
(Typ)
Offset
(Typ)
VS = 3 VDC
P1 > P2
-40°C
+25°C
+125°C
Linearity
Actual
Theoretical
Offset
(Voff)
Max
POP
Pressure (kPA)
70
60
50
40
30
20
10
0
0
Span
(VFSS)
80



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com