Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPX2010 Datasheet(PDF) 7 Page - Freescale Semiconductor, Inc

Part # MPX2010
Description  10 kPa On-Chip Temperature Compensated & Calibrated Silicon Pressure Sensors
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPX2010 Datasheet(HTML) 7 Page - Freescale Semiconductor, Inc

Back Button MPX2010 Datasheet HTML 3Page - Freescale Semiconductor, Inc MPX2010 Datasheet HTML 4Page - Freescale Semiconductor, Inc MPX2010 Datasheet HTML 5Page - Freescale Semiconductor, Inc MPX2010 Datasheet HTML 6Page - Freescale Semiconductor, Inc MPX2010 Datasheet HTML 7Page - Freescale Semiconductor, Inc MPX2010 Datasheet HTML 8Page - Freescale Semiconductor, Inc MPX2010 Datasheet HTML 9Page - Freescale Semiconductor, Inc MPX2010 Datasheet HTML 10Page - Freescale Semiconductor, Inc MPX2010 Datasheet HTML 11Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
MPX2010
Sensors
Freescale Semiconductor
7
PACKAGE DIMENSIONS
NOTES:
1.
2.
DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
CONTROLLING DIMENSION: INCH.
PORT #2
PORT #1
PORT #2
VACUUM
(P2)
(P1)
SEATING
PLANE
SEATING
PLANE
K
S
W
H
L
U
F
G
D 4 PL
PORT #1
POSITIVE PRESSURE
-Q-
12
4
3
PIN 1
-P-
-T-
-T-
S
Q
M
0.25 (0.010)
T
S
S
M
0.13 (0.005)
Q S
T
B
N
J
C
V
R
-A-
STYLE 1:
PIN 1. GROUND
2. + OUTPUT
3. + SUPPLY
4. - OUTPUT
DIM
MIN
MAX
MIN
MAX
MILLIMETERS
INCHES
A
1.145
1.175
29.08
29.85
B
0.685
0.715
17.40
18.16
C
0.405
0.435
10.29
11.05
D
0.016
0.020
0.41
0.51
F
0.048
0.064
1.22
1.63
G
0.100 BSC
2.54 BSC
H
0.182
0.194
4.62
4.93
J
0.014
0.016
0.36
0.41
K
0.695
0.725
17.65
18.42
L
0.290
0.300
7.37
7.62
N
0.420
0.440
10.67
11.18
P
0.153
0.159
3.89
4.04
Q
0.153
0.159
3.89
4.04
R
0.063
0.083
1.60
2.11
S
U
0.910 BSC
23.11 BSC
V
0.248
0.278
6.30
7.06
W
0.310
0.330
7.87
8.38
0.220
0.240
5.59
6.10
CASE 344C-01
ISSUE B
UNIBODY PACKAGE
NOTES:
1.
2.
DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
CONTROLLING DIMENSION: INCH.
S
BACK SIDE
VACUUM
(P2)
PIN 1
4 PL
D
PORT #1
POSITIVE
PRESSURE
(P1)
4
SEATING
PLANE
32 1
K
A
G
F
M
B
M
0.13 (0.005)
T
C
N
R
V
J
-B-
-T-
STYLE 1:
PIN 1. GROUND
2. + OUTPUT
3. + SUPPLY
4. - OUTPUT
DIM
MIN
MAX
MIN
MAX
MILLIMETERS
INCHES
A
0.690
0.720
17.53
18.28
B
0.245
0.255
6.22
6.48
C
0.780
0.820
19.81
20.82
D
0.016
0.020
0.41
0.51
F
0.048
0.064
1.22
1.63
G
0.100 BSC
2.54 BSC
J
0.014
0.016
0.36
0.41
K
0.345
0.375
8.76
9.53
N
0.300
0.310
7.62
7.87
R
0.178
0.186
4.52
4.72
S
V
0.182
0.194
4.62
4.93
0.220
0.240
5.59
6.10
CASE 344E-01
ISSUE B
UNIBODY PACKAGE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com