Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPX2050 Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # MPX2050
Description  50kPa On-Chip Temperature Compensated & Calibrated Silicon Pressure Sensors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPX2050 Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  MPX2050 Datasheet HTML 1Page - Freescale Semiconductor, Inc MPX2050 Datasheet HTML 2Page - Freescale Semiconductor, Inc MPX2050 Datasheet HTML 3Page - Freescale Semiconductor, Inc MPX2050 Datasheet HTML 4Page - Freescale Semiconductor, Inc MPX2050 Datasheet HTML 5Page - Freescale Semiconductor, Inc MPX2050 Datasheet HTML 6Page - Freescale Semiconductor, Inc MPX2050 Datasheet HTML 7Page - Freescale Semiconductor, Inc MPX2050 Datasheet HTML 8Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
ARCHIVED BY FREESCALE SEMICONDUCTOR, INC. 2005
1
Motorola Sensor Device Data
50 kPa
On-Chip Temperature
Compensated & Calibrated
Silicon Pressure Sensors
The MPX2050 series device is a silicon piezoresistive pressure sensors providing a
highly accurate and linear voltage output — directly proportional to the applied pressure.
The sensor is a single, monolithic silicon diaphragm with the strain gauge and a thin–film
resistor network integrated on–chip. The chip is laser trimmed for precise span and offset
calibration and temperature compensation.
Features
• Temperature Compensated Over 0°C to +85°C
• Unique Silicon Shear Stress Strain Gauge
• Easy to Use Chip Carrier Package Options
• Ratiometric to Supply Voltage
• Differential and Gauge Options
•±0.25% Linearity (MPX2050)
Application Examples
• Pump/Motor Controllers
• Robotics
• Level Indicators
• Medical Diagnostics
• Pressure Switching
• Non–Invasive Blood Pressure Measurement
Figure 1 shows a block diagram of the internal circuitry on the stand–alone pressure
sensor chip.
Figure 1. Temperature Compensated Pressure Sensor Schematic
VS
3
SENSING
ELEMENT
THIN FILM
TEMPERATURE
COMPENSATION
AND
CALIBRATION
CIRCUITRY
2
4
Vout+
Vout-
1
GND
VOLTAGE OUTPUT versus APPLIED DIFFERENTIAL PRESSURE
The differential voltage output of the sensor is directly proportional to the differential
pressure applied.
The output voltage of the differential or gauge sensor increases with increasing
pressure applied to the pressure side (P1) relative to the vacuum side (P2). Similarly,
output voltage increases as increasing vacuum is applied to the vacuum side (P2)
relative to the pressure side (P1).
Order this document
by MPX2050/D
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
© Motorola, Inc. 2002
MPX2050
SERIES
0 to 50 kPa (0 to 7.25 psi)
40 mV FULL SCALE SPAN
(TYPICAL)
PIN NUMBER
1
2
Gnd
+Vout
3
4
VS
–Vout
NOTE: Pin 1 is noted by the notch in
the lead.
MPX2050GP
CASE 344B
MPX2050GSX
CASE 344F
MPX2050D
CASE 344
MPX2050DP
CASE 344C
REV 8
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Similar Part No. - MPX2050

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPX2050 MOTOROLA-MPX2050 Datasheet
130Kb / 8P
50 kPa On-Chip Temperature Compensated & Calibrated Silicon Pressure Sensors
logo
Freescale Semiconductor...
MPX2050 FREESCALE-MPX2050 Datasheet
127Kb / 9P
50 kPa On-Chip Temperature Compensated and Calibrated Silicon Pressure Sensors
logo
NXP Semiconductors
MPX2050 NXP-MPX2050 Datasheet
167Kb / 9P
50 kPa On-Chip Temperature Compensated and Calibrated Silicon Pressure Sensors
Rev 9, 10/2008
logo
Motorola, Inc
MPX2050D MOTOROLA-MPX2050D Datasheet
130Kb / 8P
50 kPa On-Chip Temperature Compensated & Calibrated Silicon Pressure Sensors
MPX2050D MOTOROLA-MPX2050D Datasheet
6Mb / 670P
Sensor
More results

Similar Description - MPX2050

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPX2050GP MOTOROLA-MPX2050GP Datasheet
130Kb / 8P
50 kPa On-Chip Temperature Compensated & Calibrated Silicon Pressure Sensors
MPX2010 MOTOROLA-MPX2010 Datasheet
314Kb / 12P
10 KPA ON CHIP TEMPERATURE COMPENSATED CALIBRATED SILICON PRESSURE SENSORS
logo
Freescale Semiconductor...
MPXM2053 FREESCALE-MPXM2053 Datasheet
129Kb / 8P
50 kPa On-Chip Temperature Compensated & Calibrated Silicon Pressure Sensors
logo
Motorola, Inc
MPX2053 MOTOROLA-MPX2053 Datasheet
191Kb / 12P
50 KPA ON CHIP TEMPERATURE COMPENSATED CALIBRATED SILICON PRESSURE SENSORS
MPXM2010 MOTOROLA-MPXM2010 Datasheet
91Kb / 8P
10 KPA ON CHIP TEMPERATURE COMPENSATED CALIBRATED SILICON PRESSURE SENSORS
logo
Freescale Semiconductor...
MPX2053 FREESCALE-MPX2053 Datasheet
352Kb / 13P
50 kPa On-Chip Temperature Compensated & Calibrated Silicon Pressure Sensors
MPX2100 FREESCALE-MPX2100 Datasheet
307Kb / 8P
100kPa On-Chip Temperature Compensated & Calibrated Silicon Pressure Sensors
MPX2200 FREESCALE-MPX2200 Datasheet
207Kb / 8P
200kPa On-Chip Temperature Compensated & Calibrated Silicon Pressure Sensors
MPX2202 FREESCALE-MPX2202 Datasheet
338Kb / 10P
200kPa On-Chip Temperature Compensated & Calibrated Silicon Pressure Sensors
MPXM2102 FREESCALE-MPXM2102 Datasheet
262Kb / 9P
100 kPa On-Chip Temperature Compensated & Calibrated Silicon Pressure Sensors
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com