Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPX2010GSX Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # MPX2010GSX
Description  10 kPa On-Chip Temperature Compensated & Calibrated Silicon Pressure Sensors
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPX2010GSX Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  MPX2010GSX Datasheet HTML 1Page - Freescale Semiconductor, Inc MPX2010GSX Datasheet HTML 2Page - Freescale Semiconductor, Inc MPX2010GSX Datasheet HTML 3Page - Freescale Semiconductor, Inc MPX2010GSX Datasheet HTML 4Page - Freescale Semiconductor, Inc MPX2010GSX Datasheet HTML 5Page - Freescale Semiconductor, Inc MPX2010GSX Datasheet HTML 6Page - Freescale Semiconductor, Inc MPX2010GSX Datasheet HTML 7Page - Freescale Semiconductor, Inc MPX2010GSX Datasheet HTML 8Page - Freescale Semiconductor, Inc MPX2010GSX Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
MPX2010
Rev 11, 11/2006
Freescale Semiconductor
Technical Data
© Freescale Semiconductor, Inc., 2006. All rights reserved.
10 kPa On-Chip Temperature
Compensated & Calibrated
Silicon Pressure Sensors
The MPX2010/MPXV2010G series silicon piezoresistive pressure sensors
provide a very accurate and linear voltage output directly proportional to the
applied pressure. These sensors house a single monolithic silicon die with the
strain gauge and thin film resistor network integrated on each chip. The sensor is
laser trimmed for precise span, offset calibration and temperature compensation.
Features
•
Temperature Compensated over 0°C to +85°C
•
Ratiometric to Supply Voltage
•
Differential and Gauge Options
Typical Applications
•
Respiratory Diagnostics
•
Air Movement Control
•
Controllers
•
Pressure Switching
ORDERING INFORMATION
Device
Type
Options
Case No.
MPX Series
Order No.
Packing
Options
Device
Marking
SMALL OUTLINE PACKAGE (MPXV2010G SERIES)
Ported
Elements
Gauge, Side
Port, SMT
1369
MPXV2010GP
Trays
MPXV2010G
Differential,
Dual Port,
SMT
1351
MPXV2010DP
Trays
MPXV2010G
UNIBODY PACKAGE (MPX2010 SERIES)
Basic
Element
Differential
344
MPX2010D
—
MPX2010D
Ported
Elements
Differential,
Dual Port
344C
MPX2010DP
—
MPX2010DP
Gauge
344B
MPX2010GP
—
MPX2010GP
Gauge, Axial
344E
MPX2010GS
—
MPX2010D
Gauge, Axial
PC Mount
344F
MPX2010GSX
—
MPX2010D
MPX2010
MPXV2010G
SERIES
SMALL OUTLINE PACKAGE
PIN NUMBERS
1
GND(1)
5
N/C
2
+VOUT
6
N/C
3
VS
7
N/C
4
–VOUT
8
N/C
1. Pin 1 in noted by the notch in the lead.
COMPENSATED
PRESSURE SENSOR
0 to 10 kPa (0 to 1.45 psi)
FULL SCALE SPAN: 25 mV
SMALL OUTLINE PACKAGES
MPXV2010GP
CASE 1369-01
MPXV2010DP
CASE 1351-01
UNIBODY PACKAGE PIN NUMBERS
1
GND(1)
1. Pin 1 in noted by the notch in the lead.
3
VS
2
+VOUT
4
–VOUT
UNIBODY PACKAGES
MPX2010GS
CASE 344E-01
MPX2010GSX
CASE 344F-01
MPX2010GP
CASE 344B-01
MPX2010DP
CASE 344C-01
MPX2010GP
CASE 344-15


Similar Part No. - MPX2010GSX

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPX2010GSX MOTOROLA-MPX2010GSX Datasheet
314Kb / 12P
10 KPA ON CHIP TEMPERATURE COMPENSATED CALIBRATED SILICON PRESSURE SENSORS
MPX2010GSX MOTOROLA-MPX2010GSX Datasheet
6Mb / 670P
Sensor
logo
Freescale Semiconductor...
MPX2010GSX FREESCALE-MPX2010GSX Datasheet
352Kb / 17P
10 kPa On-Chip Temperature Compensated and Calibrated Silicon Pressure Sensors
logo
NXP Semiconductors
MPX2010GSX NXP-MPX2010GSX Datasheet
420Kb / 17P
10 kPa On-Chip Temperature Compensated and Calibrated Silicon Pressure Sensors
Rev 13, 10/2008
More results

Similar Description - MPX2010GSX

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPX2050GP MOTOROLA-MPX2050GP Datasheet
130Kb / 8P
50 kPa On-Chip Temperature Compensated & Calibrated Silicon Pressure Sensors
MPX2010 MOTOROLA-MPX2010 Datasheet
314Kb / 12P
10 KPA ON CHIP TEMPERATURE COMPENSATED CALIBRATED SILICON PRESSURE SENSORS
logo
Freescale Semiconductor...
MPXM2053 FREESCALE-MPXM2053 Datasheet
129Kb / 8P
50 kPa On-Chip Temperature Compensated & Calibrated Silicon Pressure Sensors
logo
Motorola, Inc
MPXM2202 MOTOROLA-MPXM2202 Datasheet
245Kb / 8P
200 KPA ON CHIP TEMPERATURE COMPENSATED & CALIBRATED SILICON PRESSURE SENSORS
MPXM2010 MOTOROLA-MPXM2010 Datasheet
91Kb / 8P
10 KPA ON CHIP TEMPERATURE COMPENSATED CALIBRATED SILICON PRESSURE SENSORS
logo
Freescale Semiconductor...
MPX2053 FREESCALE-MPX2053 Datasheet
352Kb / 13P
50 kPa On-Chip Temperature Compensated & Calibrated Silicon Pressure Sensors
MPXM2010 FREESCALE-MPXM2010 Datasheet
259Kb / 9P
10 kPa On-Chip Temperature Compensated & Calibrated Silicon Pressure Sensors
MPXM2102 FREESCALE-MPXM2102 Datasheet
262Kb / 9P
100 kPa On-Chip Temperature Compensated & Calibrated Silicon Pressure Sensors
MPX2010 FREESCALE-MPX2010_08 Datasheet
352Kb / 17P
10 kPa On-Chip Temperature Compensated and Calibrated Silicon Pressure Sensors
logo
NXP Semiconductors
MPX2010 NXP-MPX2010 Datasheet
420Kb / 17P
10 kPa On-Chip Temperature Compensated and Calibrated Silicon Pressure Sensors
Rev 13, 10/2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com