Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPX5010 Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # MPX5010
Description  Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPX5010 Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  MPX5010 Datasheet HTML 1Page - Freescale Semiconductor, Inc MPX5010 Datasheet HTML 2Page - Freescale Semiconductor, Inc MPX5010 Datasheet HTML 3Page - Freescale Semiconductor, Inc MPX5010 Datasheet HTML 4Page - Freescale Semiconductor, Inc MPX5010 Datasheet HTML 5Page - Freescale Semiconductor, Inc MPX5010 Datasheet HTML 6Page - Freescale Semiconductor, Inc MPX5010 Datasheet HTML 7Page - Freescale Semiconductor, Inc MPX5010 Datasheet HTML 8Page - Freescale Semiconductor, Inc MPX5010 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
MPX5010
Rev 11, 01/2007
Freescale Semiconductor
Technical Data
© Freescale Semiconductor, Inc., 2007. All rights reserved.
Integrated Silicon Pressure Sensor
On-Chip Signal Conditioned,
Temperature Compensated and
Calibrated
The MPX5010/MPXV5010G series piezoresistive transducers are state-of-
the-art monolithic silicon pressure sensors designed for a wide range of
applications, but particularly those employing a microcontroller or
microprocessor with A/D inputs. This transducer combines advanced
micromachining techniques, thin-film metallization, and bipolar processing to
provide an accurate, high level analog output signal that is proportional to the
applied pressure.
Features
5.0% Maximum Error over 0° to 85°C
Ideally Suited for Microprocessor or Microcontroller-Based Systems
Durable Epoxy Unibody and Thermoplastic (PPS) Surface Mount Package
Temperature Compensated over –40° to +125°C
Patented Silicon Shear Stress Strain Gauge
Available in Differential and Gauge Configurations
Available in Surface Mount (SMT) or Through-hole (DIP) Configurations
Application Examples
Hospital Beds
•HVAC
Respiratory Systems
Process Control
ORDERING INFORMATION
Device
Type
Options
Case
No.
MPX Series
Order No.
Packing
Options
Device
Marking
SMALL OUTLINE PACKAGE (MPXV5010G SERIES)
Basic
Elements
Gauge, Element Only, SMT
482
MPXV5010G6U
Rails MPXV5010G
Gauge, Element Only, DIP
482B
MPXV5010G7U
Rails MPXV5010G
Ported
Elements
Gauge, Axial Port, SMT
482A
MPXV5010GC6U
Rails MPXV5010G
Gauge, Axial Port, DIP
482C
MPXV5010GC7U
Rails MPXV5010G
Gauge, Axial Port, SMT
482A
MPXV5010GC6T1 Tape &
Reel
MPXV5010G
Gauge, Side Port, SMT
1369
MPXV5010GP
Trays MPXV5010G
Gauge, Dual Port, SMT
1351
MPXV5010DP
Trays MPXV5010G
UNIBODY PACKAGE (MPX2202 SERIES)
Basic
Element
Differential
867
MPX5010D
MPXV5010D
Ported
Elements
Differential, Gauge
867C
MPX5010DP
MPXV5010DP
Gauge
867B
MPX5010GP
MPXV5010GP
Gauge, Axial
867E
MPX5010GS
MPXV5010D
Gauge, Axial PC Mount
867F
MPX5010GSX
MPXV5010D
MPX5010
MPXV5010G
SERIES
INTEGRATED
PRESSURE SENSOR
0 to 10 kPa (0 to 1.45 psi)
0.2 to 4.7 V OUTPUT
UNIBODY PACKAGE PIN NUMBERS(1)
1. Pins 4, 5, and 6 are internal device connections. Do
not connect to external circuitry or ground. Pin 1 is
noted by the notch in the lead.
1
Vout
4
N/C
2
Gnd
5
N/C
3
VS
6
N/C
SMALL OUTLINE PACKAGE
PIN NUMBERS(1)
1. Pins 1, 5, 6, 7, and 8 are internal device
connections. Do not connect to external circuitry or
ground. Pin 1 is noted by the notch in the lead.
1
N/C
5
N/C
2
VS
6
N/C
3
Gnd
7
N/C
4
Vout
8
N/C
MPXV5010G6U
CASE 482-01
MPXV5010GC6U/C6T1
CASE 482A-01
MPXV5010G7U
CASE 482B-03
MPXV5010GC7U
CASE 482C-03
MPXV5010DP
CASE 1351-01
MPXV5010GP
CASE 1369-01
J
SMALL OUTLINE PACKAGE
UNIBODY PACKAGES
MPX5010GSX
CASE 867F-03
MPX5010GP
CASE 867B-04
MPX5010DP
CASE 867C-05
MPX5010D
CASE 867-08
MPX5010GS
CASE 867E-03


Similar Part No. - MPX5010

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPX5010 MOTOROLA-MPX5010 Datasheet
191Kb / 10P
INTEGRATED PRESSURE SENSOR 0 to 10 kPa (0 to 1.45 psi) 0.2 to 4.7 V OUTPUT
logo
Freescale Semiconductor...
MPX5010 FREESCALE-MPX5010 Datasheet
462Kb / 23P
Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
logo
NXP Semiconductors
MPX5010 NXP-MPX5010 Datasheet
561Kb / 24P
Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
Rev 13, 10/2012
MPX5010 NXP-MPX5010 Datasheet
758Kb / 32P
Integrated silicon pressure sensor on-chip signal conditioned, temperature compensated and calibrated
Rev. 14 - 17 May 2024
logo
SYC Electronica
MPX5010 SYC-MPX5010 Datasheet
556Kb / 24P
On-Chip Signal Conditioned, Temperature Compensated and Calibrated
More results

Similar Description - MPX5010

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPX4080D FREESCALE-MPX4080D Datasheet
174Kb / 8P
Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
MPX5050 FREESCALE-MPX5050 Datasheet
255Kb / 14P
Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
MPVZ5150 FREESCALE-MPVZ5150 Datasheet
206Kb / 7P
Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
MPX5999D FREESCALE-MPX5999D Datasheet
165Kb / 8P
Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
MP3V5050 FREESCALE-MP3V5050 Datasheet
214Kb / 11P
Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
MP3V5100 FREESCALE-MP3V5100 Datasheet
111Kb / 9P
Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
MPXV4115V FREESCALE-MPXV4115V_12 Datasheet
94Kb / 10P
Integrated Silicon Pressure Sensor On-Chip Signal Conditioned Temperature Compensated, and Calibrated
logo
NXP Semiconductors
MP3V7007 NXP-MP3V7007 Datasheet
156Kb / 10P
Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
Rev 0, 11/2008
MPX4250 NXP-MPX4250 Datasheet
173Kb / 9P
Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
Rev 7, 1/2009
MPXV7007 NXP-MPXV7007 Datasheet
949Kb / 19P
Integrated silicon pressure sensor, on-chip signal conditioned, temperature compensated and calibrated
Rev. 4-26 January 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com