Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPXM2010 Datasheet(PDF) 4 Page - Freescale Semiconductor, Inc

Part # MPXM2010
Description  10 kPa On-Chip Temperature Compensated & Calibrated Silicon Pressure Sensors
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPXM2010 Datasheet(HTML) 4 Page - Freescale Semiconductor, Inc

  MPXM2010 Datasheet HTML 1Page - Freescale Semiconductor, Inc MPXM2010 Datasheet HTML 2Page - Freescale Semiconductor, Inc MPXM2010 Datasheet HTML 3Page - Freescale Semiconductor, Inc MPXM2010 Datasheet HTML 4Page - Freescale Semiconductor, Inc MPXM2010 Datasheet HTML 5Page - Freescale Semiconductor, Inc MPXM2010 Datasheet HTML 6Page - Freescale Semiconductor, Inc MPXM2010 Datasheet HTML 7Page - Freescale Semiconductor, Inc MPXM2010 Datasheet HTML 8Page - Freescale Semiconductor, Inc MPXM2010 Datasheet HTML 9Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Sensors
4
Freescale Semiconductor
MPXM2010
Figure 2. Linearity Specification Comparison
ON-CHIP TEMPERATURE COMPENSATION AND CALIBRATION
Figure 3 shows the minimum, maximum and typical output
characteristics of the MPXM2010 series at 25
°C. The output
is directly proportional to the differential pressure and is
essentially a straight line.
A silicone gel isolates the die surface and wire bonds from
the environment, while allowing the pressure signal to be
transmitted to the silicon diaphragm.
Figure 3. Output versus Pressure Differential
Pressure (% Full Scale)
050
100
End Point
Straight Line Fit
Least Squares Fit
Straight Line
Deviation
Offset
Least
Square
Deviation
Exaggerated
Performance
Curve
Offset
(Typical)
30
20
15
10
5
25
0
-5
kPa
PSI
2.5
0.362
5
0.725
7.5
1.09
10
1.45
MAX
TYP
MIN
Span
Range
(Typical)
VS = 10 Vdc
TA = 25°C



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com