Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPXM2053GS Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # MPXM2053GS
Description  50 kPa On-Chip Temperature Compensated and Calibrated Silicon Pressure Sensors
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPXM2053GS Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  MPXM2053GS Datasheet HTML 1Page - Freescale Semiconductor, Inc MPXM2053GS Datasheet HTML 2Page - Freescale Semiconductor, Inc MPXM2053GS Datasheet HTML 3Page - Freescale Semiconductor, Inc MPXM2053GS Datasheet HTML 4Page - Freescale Semiconductor, Inc MPXM2053GS Datasheet HTML 5Page - Freescale Semiconductor, Inc MPXM2053GS Datasheet HTML 6Page - Freescale Semiconductor, Inc MPXM2053GS Datasheet HTML 7Page - Freescale Semiconductor, Inc MPXM2053GS Datasheet HTML 8Page - Freescale Semiconductor, Inc MPXM2053GS Datasheet HTML 9Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Document Number: MPXM2053
Rev 5.0, 05/2006
Freescale Semiconductor
Technical Data
© Freescale Semiconductor, Inc., 2006. All rights reserved.
50 kPa On-Chip Temperature
Compensated and Calibrated
Silicon Pressure Sensors
The MPXM2053 device is a silicon piezoresistive pressure sensor providing a
highly accurate and linear voltage output - directly proportional to the applied
pressure. The sensor is a single, monolithic silicon diaphragm with the strain
gauge and a thin-film resistor network integrated on-chip. The chip is laser
trimmed for precise span and offset calibration and temperature compensation.
Features
•
Temperature Compensated Over 0
°C to +85°C
•
Available in Easy-to-Use Tape & Reel
•
Ratiometric to Supply Voltage
•
Gauge Ported and Non Ported Options
Typical Applications
•
Pump/Motor Controllers
•
Robotics
•
Level Indicators
•
Medical Diagnostics
•
Pressure Switching
•
Non-Invasive Blood Pressure Measurement
ORDERING INFORMATION
Device
Type
Options
Case
No.
MPX Series
Order No.
Packing
Options
Device
Marking
Non-ported Absolute,
Element Only
1320 MPXM2053D
Rails
MPXM2053D
Absolute, Axial
Port
1320 MPXM2053DT1
Tape & Reel MPXM2053D
Ported
Absolute, Axial
Port
1320A MPXM2053GS
Rails
MPXM2053G
Absolute,
Element Only
1320A MPXM2053GST1
Tape & Reel MPXM2053G
MPXM2053
SERIES
COMPENSATED AND CALIBRATED
PRESSURE SENSOR
0 TO 50 kPA (0 TO 7.25 psi)
40 mV FULL SCALE SPAN
(TYPICAL)
MPXM2053D/DT
CASE 1320-02
MPXM2053GS/GST1
CASE 1320A-02
Pin Number
1
Gnd
3
VS
2
+Vout
4
-Vout
MPAK PACKAGES


Similar Part No. - MPXM2053GS

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPXM2053GS FREESCALE-MPXM2053GS Datasheet
129Kb / 8P
50 kPa On-Chip Temperature Compensated & Calibrated Silicon Pressure Sensors
logo
Motorola, Inc
MPXM2053GS MOTOROLA-MPXM2053GS Datasheet
6Mb / 670P
Sensor
logo
Freescale Semiconductor...
MPXM2053GS FREESCALE-MPXM2053GS Datasheet
388Kb / 19P
50 kPa On-Chip Temperature Compensated and Calibrated Silicon Pressure Sensors
MPXM2053GS FREESCALE-MPXM2053GS Datasheet
310Kb / 17P
50 kPa On-Chip Temperature Compensated and Calibrated Silicon Pressure Sensors
logo
NXP Semiconductors
MPXM2053GS NXP-MPXM2053GS Datasheet
377Kb / 17P
50 kPa On-Chip Temperature Compensated and Calibrated Silicon Pressure Sensors
Rev 9, 10/2012
More results

Similar Description - MPXM2053GS

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPX2050GP MOTOROLA-MPX2050GP Datasheet
130Kb / 8P
50 kPa On-Chip Temperature Compensated & Calibrated Silicon Pressure Sensors
logo
Freescale Semiconductor...
MPXM2053 FREESCALE-MPXM2053 Datasheet
129Kb / 8P
50 kPa On-Chip Temperature Compensated & Calibrated Silicon Pressure Sensors
MPXM2051G FREESCALE-MPXM2051G Datasheet
218Kb / 6P
50 kPa On-Chip Temperature Compensated and Calibrated Silicon Pressure Sensors
MPX2050 FREESCALE-MPX2050_08 Datasheet
127Kb / 9P
50 kPa On-Chip Temperature Compensated and Calibrated Silicon Pressure Sensors
MPX2053 FREESCALE-MPX2053_08 Datasheet
388Kb / 19P
50 kPa On-Chip Temperature Compensated and Calibrated Silicon Pressure Sensors
MPXM2051G FREESCALE-MPXM2051G_09 Datasheet
113Kb / 7P
50 kPa On-Chip Temperature Compensated and Calibrated Silicon Pressure Sensors
MPX2053 FREESCALE-MPX2053_12 Datasheet
310Kb / 17P
50 kPa On-Chip Temperature Compensated and Calibrated Silicon Pressure Sensors
MPXV2050 FREESCALE-MPXV2050 Datasheet
139Kb / 7P
50 kPa On-Chip Temperature Compensated and Calibrated Silicon Pressure Sensors
logo
NXP Semiconductors
MPX2050 NXP-MPX2050 Datasheet
167Kb / 9P
50 kPa On-Chip Temperature Compensated and Calibrated Silicon Pressure Sensors
Rev 9, 10/2008
MPX2053 NXP-MPX2053 Datasheet
377Kb / 17P
50 kPa On-Chip Temperature Compensated and Calibrated Silicon Pressure Sensors
Rev 9, 10/2012
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com