Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPXY8020A Datasheet(PDF) 13 Page - Freescale Semiconductor, Inc

Part # MPXY8020A
Description  Tire Pressure Monitoring Sensor Temperature Compensated and Calibrated, Fully Integrated Digital Output
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPXY8020A Datasheet(HTML) 13 Page - Freescale Semiconductor, Inc

Back Button MPXY8020A Datasheet HTML 9Page - Freescale Semiconductor, Inc MPXY8020A Datasheet HTML 10Page - Freescale Semiconductor, Inc MPXY8020A Datasheet HTML 11Page - Freescale Semiconductor, Inc MPXY8020A Datasheet HTML 12Page - Freescale Semiconductor, Inc MPXY8020A Datasheet HTML 13Page - Freescale Semiconductor, Inc MPXY8020A Datasheet HTML 14Page - Freescale Semiconductor, Inc MPXY8020A Datasheet HTML 15Page - Freescale Semiconductor, Inc MPXY8020A Datasheet HTML 16Page - Freescale Semiconductor, Inc MPXY8020A Datasheet HTML 17Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
Sensors
Freescale Semiconductor
13
MPXY8000
MECHANICAL SPECIFICATIONS
Maximum ratings are the extreme limits to which the
device can be exposed without permanently damaging it.
Keep VIN and VOUT within the range VSS ≤ (VIN or VOUT) ≤
VDD.
MEDIA COMPATIBILITY
The Daytona sensor has been designed with the tire
pressure application in mind. As such, it has been tested to a
variety of media typical of the tire environment. The filter
provides limited, but not universal, media protection.
The customer must ensure media compatibility of the
Daytona sensor in their application. In particular, it is strongly
recommended that the customer design the application such
that media does not come in direct contact with the sensor.
Module housing design and orientation will play a role in
protecting the sensor from direct media exposure. In the
event that media does come in contact with the sensor it is
desirable that the application minimize the duration and
severity of exposure. Media may be forced through the filter
by mechanical aspects of the application such as g-forces or
rapid pressurization of the tire.
In addition, the customer maintains responsibility to design
and carry out reliability testing verifying compatibility of the
Daytona sensor with their module design and application.
Table 7. Maximum Ratings
Rating
Symbol
Value
Unit
Maximum Pressure(1)
1. Tested for 5 minutes at 25°C.
pmax
1400
kPa(1)
Centrifugal Force Effects (3 axis)
Pressure measurement change less than 1% FSS
gCENT
2000
g
Unpowered Shock (three sides, 0.5 mSec duration)
gshock
2000
g



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com