Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPXM2102AS Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # MPXM2102AS
Description  100 kPa On-Chip Temperature Compensated & Calibrated Silicon Pressure Sensors
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPXM2102AS Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  MPXM2102AS Datasheet HTML 1Page - Freescale Semiconductor, Inc MPXM2102AS Datasheet HTML 2Page - Freescale Semiconductor, Inc MPXM2102AS Datasheet HTML 3Page - Freescale Semiconductor, Inc MPXM2102AS Datasheet HTML 4Page - Freescale Semiconductor, Inc MPXM2102AS Datasheet HTML 5Page - Freescale Semiconductor, Inc MPXM2102AS Datasheet HTML 6Page - Freescale Semiconductor, Inc MPXM2102AS Datasheet HTML 7Page - Freescale Semiconductor, Inc MPXM2102AS Datasheet HTML 8Page - Freescale Semiconductor, Inc MPXM2102AS Datasheet HTML 9Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
MPXM2102
Rev 4, 09/2005
Freescale Semiconductor
Technical Data
© Freescale Semiconductor, Inc., 2005. All rights reserved.
100 kPa On-Chip Temperature
Compensated & Calibrated
Silicon Pressure Sensors
The MPXM2102 device is a silicon piezoresistive pressure sensors providing
a highly accurate and linear voltage output - directly proportional to the applied
pressure. The sensor is a single, monolithic silicon diaphragm with the strain
gauge and a thin-film resistor network integrated on-chip. The chip is laser
trimmed for precise span and offset calibration and temperature compensation.
Features
•
Temperature Compensated Over 0
°C to +85°C
•
Available in Easy-to-Use Tape & Reel
•
Ratiometric to Supply Voltage
•
Gauge Ported and Non Ported Options
Typical Applications
•
Pump/Motor Controllers
•
Robotics
•
Level Indicators
•
Medical Diagnostics
•
Pressure Switching
•
Barometers
•
Altimeters
ORDERING INFORMATION
Device
Type
Options
Case
No.
MPX Series
Order No.
Packing
Options
Device
Marking
Non-
ported
Gauge
1320 MPXM2102D
Rails
MPXM2102D
Gauge
1320 MPXM2102DT1
Tape & Reel MPXM2102D
Absolute
1320 MPXM2102A
Rails
MPXM2102A
Absolute
1320 MPXM2102AT1
Tape & Reel MPXM2102A
Ported
Gauge, Axial
Port
1320A MPXM2102GS
Rails
MPXM2102G
Gauge, Axial
Port
1320A MPXM2102GST1
Tape & Reel MPXM2102G
Absolute, Axial
Port
1320A MPXM2102AS
Rails
MPXM2102A
Absolute, Axial
Port
1320A MPXM2102AST1
Tape & Reel MPXM2102A
MPXM2102
SERIES
COMPENSATED AND CALIBRATED
PRESSURE SENSOR
0 TO 100 kPA (0 TO 14.5 psi)
40 mV FULL SCALE SPAN
(TYPICAL)
Pin Number
1
Gnd
3
VS
2
+Vout
4
-Vout
MPXM2102D/A
CASE 1320-02
MPXM2102GS/AS
CASE 1320A-02
MPAK PACKAGES


Similar Part No. - MPXM2102AS

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPXM2102AS MOTOROLA-MPXM2102AS Datasheet
6Mb / 670P
Sensor
MPXM2102AS MOTOROLA-MPXM2102AS Datasheet
98Kb / 8P
100 kpa ON - CHIP TEMPERATURE COMPENSATED AND CALIBRATED SILICON PRESSURE SENSORS
logo
Freescale Semiconductor...
MPXM2102AS FREESCALE-MPXM2102AS Datasheet
299Kb / 16P
100 kPa On-Chip Temperature Compensated Silicon Pressure Sensors
MPXM2102AS FREESCALE-MPXM2102AS Datasheet
768Kb / 10P
Altimeter and Barometer System
MPXM2102AS FREESCALE-MPXM2102AS Datasheet
335Kb / 16P
100 kPa On-Chip Temperature Compensated Silicon Pressure Sensors
More results

Similar Description - MPXM2102AS

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPX2050GP MOTOROLA-MPX2050GP Datasheet
130Kb / 8P
50 kPa On-Chip Temperature Compensated & Calibrated Silicon Pressure Sensors
MPX2010 MOTOROLA-MPX2010 Datasheet
314Kb / 12P
10 KPA ON CHIP TEMPERATURE COMPENSATED CALIBRATED SILICON PRESSURE SENSORS
logo
Freescale Semiconductor...
MPXM2053 FREESCALE-MPXM2053 Datasheet
129Kb / 8P
50 kPa On-Chip Temperature Compensated & Calibrated Silicon Pressure Sensors
logo
Motorola, Inc
MPXM2202 MOTOROLA-MPXM2202 Datasheet
245Kb / 8P
200 KPA ON CHIP TEMPERATURE COMPENSATED & CALIBRATED SILICON PRESSURE SENSORS
MPXM2102 MOTOROLA-MPXM2102 Datasheet
98Kb / 8P
100 kpa ON - CHIP TEMPERATURE COMPENSATED AND CALIBRATED SILICON PRESSURE SENSORS
logo
Freescale Semiconductor...
MPX2102 FREESCALE-MPX2102 Datasheet
344Kb / 14P
100 kPa On-Chip Temperature Compensated AND Calibrated Silicon Pressure Sensors
MPX2053 FREESCALE-MPX2053 Datasheet
352Kb / 13P
50 kPa On-Chip Temperature Compensated & Calibrated Silicon Pressure Sensors
MPXM2010 FREESCALE-MPXM2010 Datasheet
259Kb / 9P
10 kPa On-Chip Temperature Compensated & Calibrated Silicon Pressure Sensors
MPX2100 FREESCALE-MPX2100_08 Datasheet
142Kb / 10P
100 kPa On-Chip Temperature Compensated and Calibrated Silicon Pressure Sensors
logo
NXP Semiconductors
MPX2100 NXP-MPX2100 Datasheet
185Kb / 10P
100 kPa On-Chip Temperature Compensated and Calibrated Silicon Pressure Sensors
Rev 10, 10/2008
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com