Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPXV7007DP Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # MPXV7007DP
Description  Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPXV7007DP Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  MPXV7007DP Datasheet HTML 1Page - Freescale Semiconductor, Inc MPXV7007DP Datasheet HTML 2Page - Freescale Semiconductor, Inc MPXV7007DP Datasheet HTML 3Page - Freescale Semiconductor, Inc MPXV7007DP Datasheet HTML 4Page - Freescale Semiconductor, Inc MPXV7007DP Datasheet HTML 5Page - Freescale Semiconductor, Inc MPXV7007DP Datasheet HTML 6Page - Freescale Semiconductor, Inc MPXV7007DP Datasheet HTML 7Page - Freescale Semiconductor, Inc MPXV7007DP Datasheet HTML 8Page - Freescale Semiconductor, Inc MPXV7007DP Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
MPXV7007G
Rev 0, 05/2005
Freescale Semiconductor
Technical Data
© Freescale Semiconductor, Inc., 2005. All rights reserved.
Integrated Silicon Pressure Sensor
On-Chip Signal Conditioned,
Temperature Compensated and
Calibrated
The MPXV7007G series piezoresistive transducers are state-of-the-art
monolithic silicon pressure sensors designed for a wide range of applications, but
particularly those employing a microcontroller or microprocessor with A/D inputs.
This transducer combines advanced micromachining techniques, thin-film
metallization, and bipolar processing to provide an accurate, high level analog
output signal that is proportional to the applied pressure.
Features
•
5.0% Maximum Error over 0
° to 85°C
•
Ideally Suited for Microprocessor or Microcontroller-Based Systems
•
Thermoplastic (PPS) Surface Mount Package
•
Temperature Compensated over –40
° to +125°C
•
Patented Silicon Shear Stress Strain Gauge
•
Available in Differential and Gauge Configurations
Typical Applications
•
Hospital Beds
•HVAC
•
Respiratory Systems
•
Process Control
Figure 1. Fully Integrated Pressure Sensor Schematic
ORDERING INFORMATION
Device
Type
Options
Case
No.
MPX Series
Order No.
Packing
Options
Device
Marking
SMALL OUTLINE PACKAGE (MPXV7007G SERIES)
Ported
Elements
Gauge, Axial Port, SMT
482A
MPXV7007GC6U
Rails
MPXV7007G
Gauge, Axial Port, SMT
482A
MPXV7007GC6T1
Tape &
Reel
MPXV7007G
Gauge, Side Port, SMT
1369
MPXV7007GP
Trays
MPXV7007G
Gauge, Dual Port, SMT
1351
MPXV7007DP
Trays
MPXV7007G
MPXV7007G
SERIES
INTEGRATED
PRESSURE SENSOR
-7 to 7 kPa (-1 to 1 psi)
0.5 to 4.5 V OUTPUT
SMALL OUTLINE PACKAGE
PIN NUMBERS(1)
1. Pins 1, 5, 6, 7, and 8 are internal device
connections. Do not connect to external
circuitry or ground. Pin 1 is noted by the
notch in the lead.
1
N/C
5
N/C
2
VS
6
N/C
3
Gnd
7
N/C
4
Vout
8
N/C
MPXV7007DP
CASE 1351-01
MPXV7007GP
CASE 1369-01
SMALL OUTLINE PACKAGE
MPXV7007GC6U
CASE 482A-01
Sensing
Element
Thin Film
Temperature
Compensation
and
Gain Stage #1
Gain Stage #2
and
Ground
Reference
Shift Circuitry
VS
Vout
GND
Pins 1 and 5 through 8 are NO CONNECTS
for surface mount package


Similar Part No. - MPXV7007DP

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPXV7007DP FREESCALE-MPXV7007DP Datasheet
141Kb / 10P
Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
logo
NXP Semiconductors
MPXV7007DP NXP-MPXV7007DP Datasheet
949Kb / 19P
Integrated silicon pressure sensor, on-chip signal conditioned, temperature compensated and calibrated
Rev. 4-26 January 2021
MPXV7007DPT1 NXP-MPXV7007DPT1 Datasheet
949Kb / 19P
Integrated silicon pressure sensor, on-chip signal conditioned, temperature compensated and calibrated
Rev. 4-26 January 2021
More results

Similar Description - MPXV7007DP

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPX4080D FREESCALE-MPX4080D Datasheet
174Kb / 8P
Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
MPX5050 FREESCALE-MPX5050 Datasheet
255Kb / 14P
Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
MPVZ5150 FREESCALE-MPVZ5150 Datasheet
206Kb / 7P
Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
MPX5010 FREESCALE-MPX5010 Datasheet
443Kb / 18P
Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
MP3V5050 FREESCALE-MP3V5050 Datasheet
214Kb / 11P
Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
MP3V5100 FREESCALE-MP3V5100 Datasheet
111Kb / 9P
Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
MPXV4115V FREESCALE-MPXV4115V_12 Datasheet
94Kb / 10P
Integrated Silicon Pressure Sensor On-Chip Signal Conditioned Temperature Compensated, and Calibrated
logo
NXP Semiconductors
MP3V7007 NXP-MP3V7007 Datasheet
156Kb / 10P
Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
Rev 0, 11/2008
MPX4250 NXP-MPX4250 Datasheet
173Kb / 9P
Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
Rev 7, 1/2009
MPXV7007 NXP-MPXV7007 Datasheet
949Kb / 19P
Integrated silicon pressure sensor, on-chip signal conditioned, temperature compensated and calibrated
Rev. 4-26 January 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com