Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASC7512 Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

Part # ASC7512
Description  DIGITAL TEMPERATURE SENSOR WITH INTEGRATED FAN CONTROL
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ASC7512 Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button ASC7512 Datasheet HTML 17Page - List of Unclassifed Manufacturers ASC7512 Datasheet HTML 18Page - List of Unclassifed Manufacturers ASC7512 Datasheet HTML 19Page - List of Unclassifed Manufacturers ASC7512 Datasheet HTML 20Page - List of Unclassifed Manufacturers ASC7512 Datasheet HTML 21Page - List of Unclassifed Manufacturers ASC7512 Datasheet HTML 22Page - List of Unclassifed Manufacturers ASC7512 Datasheet HTML 23Page - List of Unclassifed Manufacturers ASC7512 Datasheet HTML 24Page - List of Unclassifed Manufacturers ASC7512 Datasheet HTML 25Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 35 page
background image
- 21 -
© Andigilog, Inc. 2006
www.andigilog.com
August 2006 - 70A05003
aSC7512
Register 5F-60h: Auto Fan Speed Range, PWM Frequency
Register
Address
Read/
Write
Register Name
Bit 7
(MSB)
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
(LSB)
Default
Value
Lock
5Fh
R/W
Zone 1 Range
Fan1 Frequency
RAN3
RAN2
RAN1
RAN0
HLFRQ
FRQ2
FRQ1
FRQ0
C3
X
60h
R/W
Zone 2 Range
RAN3
RAN2
RAN1
RAN0
RES
RES
RES
RES
C3
X
In Auto Fan Mode, when the temperature for a zone is above the Temperature Limit (Registers 67-69h) and below its
Absolute Temperature Limit (Registers 6A-6Bh), the speed of a fan assigned to that zone is determined as follows:
When the temperature reaches the Fan Temp Limit for a zone, the PWM output assigned to that zone will be Fan PWM
Minimum. Between Fan Temp Limit and (Fan Temp Limit + Range), the PWM duty cycle will increase linearly according to
the temperature as shown in the figure below. The PWM duty cycle will be 100% at (Fan Temp Limit + Range).
PWM frequency - FRQ[3:0] and HLFRQ
The PWM frequency bits [3:0] determine the PWM frequency for the fan. The aSC7512 has high and low frequency ranges
for the PWM outputs that are controlled by the HLFRQ bit.
PWM Frequency Selection (Default = 0011 = 30.04 Hz).
HLFRQ
FRQ [2:0]
PWM
Frequency
0
000
10.01 Hz
0
001
15.02 Hz
0
010
23.14 Hz
0
011
30.04 Hz (Default)
0
100
38.16 Hz
0
101
47.06 Hz
0
110
61.38 Hz
0
111
94.12 Hz
1
000
22.5 kHz
1
001
24 kHz
1
010
25.7 kHz
1
011
25.7 kHz
1
100
27.7 kHz
1
101
27.7 kHz
1
110
30 kHz
1
111
30 kHz
Table 9 Register Setting vs PWM Frequency
RAN[3:0]
Linear Control
Range (
°C)
0000
2
0001
2.5
0010
3.33
0011
4
0100
5
0101
6.67
0110
8
0111
10
1000
13.33
1001
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com