Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASC7531A Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # ASC7531A
Description  LOW-VOLTAGE 1-WIRE DIGITAL TEMPERATURE SENSOR AND VOLTAGE MONITOR
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ASC7531A Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button ASC7531A Datasheet HTML 9Page - List of Unclassifed Manufacturers ASC7531A Datasheet HTML 10Page - List of Unclassifed Manufacturers ASC7531A Datasheet HTML 11Page - List of Unclassifed Manufacturers ASC7531A Datasheet HTML 12Page - List of Unclassifed Manufacturers ASC7531A Datasheet HTML 13Page - List of Unclassifed Manufacturers ASC7531A Datasheet HTML 14Page - List of Unclassifed Manufacturers ASC7531A Datasheet HTML 15Page - List of Unclassifed Manufacturers ASC7531A Datasheet HTML 16Page - List of Unclassifed Manufacturers ASC7531A Datasheet HTML 17Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
- 13 -
© Andigilog, Inc. 2006
www.andigilog.com
December 2006 - 70A05012
aSC7531A / aSC7531B
Device Interface Field (1-byte)
The vendor sets to ‘1’, bit positions in this field in the event the device supports higher layer protocols that are industry specific using
Table 5.
Value = 0x02
Bit
Protocol
Meaning
7
-
Reserved for future use , must be set = ‘0’
6
-
Reserved for future use , must be set = ‘0’
5
IPMI
Device supports additional access and capabilities per the IPMI specification.
4
ASF
Device supports additional access and capabilities per the ASF specification.
3
Serial-ATA
Device supports additional access and capabilities per the serial-ATA specification.
2
PCI-Express
Device supports additional access and capabilities per the PCI Express
specification.
1
SST
Device supports additional access and capabilities per the SST Functional
Descriptor Specification (to be published at a future date).
0
OEM
Device supports vendor-specific additional access and capabilities per the Vendor
ID and Device ID.
Table 5. Device Interface Field
Function Interface Field (1-byte)
This field provides a mechanism for a device to pass higher-layer SST device-specific information.
Value = 0x00
Device Interface Extension Field (1-byte)
This field is used to provide additional information about the device to the upper layers of software.
Value = 0x00
Reserved Field (3-bytes)
Value = 0x00 0x00 0x00
Vendor Specific ID Field (1-byte)
This field is set by the vendor in a way that uniquely identifies this device apart from all others with an otherwise common DIB
content.
Value = 0x00 – For Fixed address devices this field may be set to zero.
Client Device Address (1-byte)
SST Client Device Address is set according to the connection of the ADD0 pin. The combination part appears to software as two
sensors, a simple temperature and a simple voltage sensor residing at the same address. Float is defined as an unconnected pin.
ADD0
Address
Ground
0x48
Float
0x49
VDD
0x4A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com