Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASC7611 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # ASC7611
Description  HARDWARE MONITOR WITH INTEGRATED FAN CONTROL
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ASC7611 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  ASC7611 Datasheet HTML 1Page - List of Unclassifed Manufacturers ASC7611 Datasheet HTML 2Page - List of Unclassifed Manufacturers ASC7611 Datasheet HTML 3Page - List of Unclassifed Manufacturers ASC7611 Datasheet HTML 4Page - List of Unclassifed Manufacturers ASC7611 Datasheet HTML 5Page - List of Unclassifed Manufacturers ASC7611 Datasheet HTML 6Page - List of Unclassifed Manufacturers ASC7611 Datasheet HTML 7Page - List of Unclassifed Manufacturers ASC7611 Datasheet HTML 8Page - List of Unclassifed Manufacturers ASC7611 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 40 page
background image
- 4 -
© Andigilog, Inc. 2006
www.andigilog.com
October 2006 - 70A05007
aSC7611
Symbol
Pin
Type
Name and Function/Connection
PWM1/XTESTOUT
24
Digital Open-
Drain Output
Fan speed control 1. When in XOR tree test mode,
functions as XOR Tree output.
PWM2
10
Digital Open-
Drain Output
Fan speed control 2.
PWM3/Address Enable
13
Digital Open-
Drain Output
Fan speed control 3. Pull to ground at power on to enable
Address Select Mode (Address Select pin controls SMBus
address of the device).
Absolute Maximum Ratings
1
Parameter
Rating
Supply Voltage, VDD
-0.5V to 6.0V
Voltage on Any Digital Input or
Output Pin
-0.5V to 6.0V
Voltage on 12V Analog Input
-0.5V to 16V
Voltage on 5V Analog Input
-0.5V to 6.6V
Voltage on Remote 1 +, Remote 2 +
-0.5V to (VDD +
0.50V)
Voltage on Other Analog Inputs
-0.5V to 6.0V
Current on Remote 1 -, Remote 2 -
±1mA
Input Current on Any Pin
2
±5mA
Package Input Current
2
±20mA
Package Dissipation at TA = 25°C
See (Note 3)
Storage Temperature
-65
°C to +150°C
Human Body Model
3000 V
Machine Model
200 V
ESD
4
Charged Device Model
1500 V
Notes:
1. Absolute maximum ratings are limits beyond which
operation may cause permanent damage to the device.
These are stress ratings only; functional operation at or
above these limits is not implied.
2. When the input voltage (VIN) at any pin exceeds the
power supplies (VIN < GND or VIN > VDD), the current at
that pin should be limited to 5mA. The 20mA maximum
package input current rating limits the number of pins
that can safely exceed the power supplies with an input
current of 5mA to four. Parasitic components and/or
ESD protection circuitry are present on the aSC7611
pins. Care should be taken not to forward bias the
parasitic diode present on pins D+ and D-. Doing so by
more than 50mV may corrupt temperature
measurements.
Operating Ratings
1
Parameter
Rating
aSC7611 Operating
Temperature Range, Ambient
Temperature, TMIN to TMAX
0
°C ≤ TA ≤ +120°C
Remote Diode Temperature
Range
-55
°C ≤ TD ≤ +125°C
Supply Voltage (3.3V
nominal)
+3.0V to +3.6V
VIN Voltage Range
+12V VIN
-0.05V to 16V
+5V VIN
-0.05V to 6.6V
+3.3V VIN
3.0V to 4.4V
VCCP and All Other Inputs
-0.05V to VDD + 0.05V
VID0-VID4
-0.05V to 5.5V
All Other Inputs
-0.05V to VDD + 0.05V
Typical Supply Current
1.8mA
3. Thermal resistance junction-to-ambient when attached to
a double-sided printed circuit board with 1oz. foil is
115
°C/W
4. Human Body Model: 100pF capacitor discharged
through a 1.5k
Ω resistor into each pin. Machine Model:
200pF capacitor discharged directly into each pin.
Charged-Device Model is per JESD22-C101C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com