Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATS50S3 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # ATS50S3
Description  LOW-VOLTAGE SOT-23 TEMPERATURE SENSOR
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ATS50S3 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

  ATS50S3 Datasheet HTML 1Page - List of Unclassifed Manufacturers ATS50S3 Datasheet HTML 2Page - List of Unclassifed Manufacturers ATS50S3 Datasheet HTML 3Page - List of Unclassifed Manufacturers ATS50S3 Datasheet HTML 4Page - List of Unclassifed Manufacturers ATS50S3 Datasheet HTML 5Page - List of Unclassifed Manufacturers ATS50S3 Datasheet HTML 6Page - List of Unclassifed Manufacturers ATS50S3 Datasheet HTML 7Page - List of Unclassifed Manufacturers ATS50S3 Datasheet HTML 8Page - List of Unclassifed Manufacturers ATS50S3 Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
Andigilog, Inc.
7404 W. Detroit St., Suite 100
Chandler, Arizona 85226-2422
Tel: (480) 940-6200
Fax: (480) 940-4255
- 8 -
© Andigilog, Inc. 2003
www.andigilog.com
70A03202-004
aTS50
Data Sheet Classifications
Preliminary Specification
This classification is shown on the heading of each page of a specification for products that are either under
development(design and qualification), or in the formative planning stages. Andigilog reserves the right to
change or discontinue these products without notice.
New Release Specification
This classification is shown on the heading of the first page only of a specification for products that are either
under the later stages of development(characterization and qualification), or in the early weeks of release
to production. Andigilog reserves the right to change the specification and information for these products
without notice.
Fully Released Specification
Fully released datasheets do not contain any classification in the first page header. These documents contain
specification on products that are in full production. Andigilog will not change any guaranteed limits without
written notice to the customers. Obsolete datasheets that were written prior to January 1, 2001 without
any header classification information should be considered as obsolete and non-active specifications, or in
the best case as Preliminary Specifications.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com