Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS12-G Datasheet(PDF) 1 Page - Comchip Technology

Part # SS12-G
Description  SMD Schottky Barrier Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

SS12-G Datasheet(HTML) 1 Page - Comchip Technology

  SS12-G Datasheet HTML 1Page - Comchip Technology SS12-G Datasheet HTML 2Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Case: JEDEC DO-214AC molded plastic
Terminal: Solderable per MIL-STD-750 method
2026 guaranteed
Polarity: Color band denotes cathode end
Mounting position: Any
Weight: 0.064 gram
Mechanical Data
Maximum Rating and Electrical Characteristics
Ideal for surface mount application
Easy pick and place
Plastic package has Underwriters Lab.
Flammability classification 94V-0
Built-in strain relief
Low forward voltage drop
Features
Reverse Voltage: 20~100 Volts
Forward Current: 1.0 Amp
SS12-G THRU SS110-G
SMD Schottky Barrier Rectifier
“-G” suffix designates RoHS compliant Version
Parameter
Max. Repetitive Peak Reverse Voltage
Max. DC Blocking Voltage
Max. RMS Voltage
Peak Surge Forward Current
8.3ms single half sine-wave
superimposed on rate load
( JEDEC method )
Max. Average Forward Current
Max. Instantaneous Forward Current
at 1.0 A
Max. DC Reverse Current at Rated DC
Blocking Voltage
Ta=25
Ta=100
Max. Thermal Resistance (Note 1)
Operating Junction Temperature
Storage Temperature
Symbol
VRRM
VDC
VRMS
IFSM
I o
V F
I R
R JA
R JL
T j
TSTG
Unit
V
V
V
A
A
V
.
mA
C/W
Note 1: Thermal resistance from junction to ambient and junction to to lead P.C.B. Mounted on 0.2 x 0.2 copper pad areas
SS12-G
SS14-G
SS16-G
SS18-G
SS110-G
20
20
14
100
100
70
80
80
56
60
60
42
40
40
28
35
1.0
0.50
0.85
0.70
-50 to +125
88
20
0.5
-65 to +150
5
10
C
C
C
C
Dimensions in inches and (millimeters)
0.008(0.20)
0.004(0.10)
0.067(1.70)
0.051(1.29)
0.091(2.31)
0.067(1.70)
0.059(1.50)
0.035(0.89)
0.110(2.79)
0.086(2.18)
0.180(4.57)
0.160(4.06)
0.012(0.31)
0.006(0.15)
0.209(5.31)
0.185(4.70)
DO-214AC (SMA)


Similar Part No. - SS12-G

ManufacturerPart #DatasheetDescription
logo
Bruckewell Technology L...
SS12-120 BWTECH-SS12-120 Datasheet
109Kb / 2P
Low power loss, high effciency
logo
Nanjing International G...
SS12-1A-20V-DO-214AC DGNJDZ-SS12-1A-20V-DO-214AC Datasheet
255Kb / 2P
1.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Pan Jit International I...
SS12-AU PANJIT-SS12-AU Datasheet
80Kb / 5P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
SS12-AU_R1_000A1 PANJIT-SS12-AU_R1_000A1 Datasheet
80Kb / 5P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
SS12-AU_R2_000A1 PANJIT-SS12-AU_R2_000A1 Datasheet
80Kb / 5P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - SS12-G

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CDBM120 COMCHIP-CDBM120 Datasheet
62Kb / 2P
SMD Schottky Barrier Rectifier
CDBC320 COMCHIP-CDBC320 Datasheet
64Kb / 2P
SMD Schottky Barrier Rectifier
CDBB220 COMCHIP-CDBB220 Datasheet
67Kb / 2P
SMD Schottky Barrier Rectifier
CDBA5817 COMCHIP-CDBA5817 Datasheet
67Kb / 2P
SMD Schottky Barrier Rectifier
CDBA320L COMCHIP-CDBA320L Datasheet
148Kb / 3P
SMD Schottky Barrier Rectifier
CDBA120L COMCHIP-CDBA120L Datasheet
145Kb / 4P
SMD Schottky Barrier Rectifier
CDBA120 COMCHIP-CDBA120 Datasheet
67Kb / 2P
SMD Schottky Barrier Rectifier
CDBB220L-G COMCHIP-CDBB220L-G Datasheet
104Kb / 2P
SMD Schottky Barrier Rectifier
logo
Formosa MS
FM10L45-T2 FORMOSA-FM10L45-T2 Datasheet
111Kb / 7P
SMD Schottky Barrier Rectifier
FM120-MS FORMOSA-FM120-MS Datasheet
64Kb / 7P
SMD Schottky Barrier Rectifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com