Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAL74 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BAL74
Description  High-speed diode
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BAL74 Datasheet(HTML) 2 Page - NXP Semiconductors

  BAL74 Datasheet HTML 1Page - NXP Semiconductors BAL74 Datasheet HTML 2Page - NXP Semiconductors BAL74 Datasheet HTML 3Page - NXP Semiconductors BAL74 Datasheet HTML 4Page - NXP Semiconductors BAL74 Datasheet HTML 5Page - NXP Semiconductors BAL74 Datasheet HTML 6Page - NXP Semiconductors BAL74 Datasheet HTML 7Page - NXP Semiconductors BAL74 Datasheet HTML 8Page - NXP Semiconductors BAL74 Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2003 Dec 17
2
Philips Semiconductors
Product specification
High-speed diode
BAL74
FEATURES
• Small plastic SMD package
• High switching speed: max. 4 ns
• Continuous reverse voltage: max. 50 V
• Repetitive peak reverse voltage: max. 50 V
• Repetitive peak forward current: max. 500 mA.
APPLICATIONS
• High-speed switching in e.g. surface mounted circuits.
DESCRIPTION
The BAL74 is a high-speed switching diode fabricated in
planar technology, and encapsulated in the small SOT23
plastic SMD package.
MARKING
Note
1.
∗ = p : Made in Hong Kong.
∗ = t : Made in Malaysia.
∗ = W : Made in China.
PINNING
TYPE NUMBER
MARKING CODE(1)
BAL74
JC*
PIN
DESCRIPTION
1
not connected
2
anode
3
cathode
handbook, halfpage
21
3
MAM230
1
n.c.
2
3
Fig.1
Simplified outline (SOT23) and symbol.
ORDERING INFORMATION
TYPE NUMBER
PACKAGE
NAME
DESCRIPTION
VERSION
BAL74
−
plastic surface mounted package; 3 leads
SOT23



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com