Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KBMS-BUILDER Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # KBMS-BUILDER
Description  UK USB Keyboard & Mouse Combo Set Black
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

KBMS-BUILDER Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  KBMS-BUILDER Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Detailed Description
Name: UK USB Keyboard & Mouse Combo Set Black
Code: KBMSBUILDER
Ergonomic Design
To aid in the reduction of strain of the users fingers and/or wrists. This
kit is a very compact size allowing for less work surface clutter.
Specifications
General
Specifications:
Interface: USB
OS Compatibility: Windows 98 / 2000 / ME / XP / Vista / 7 / 8 /
8.1 / 10 & Linux
Keyboard
Specifications:
Layout: UK Layout
Key Quantity: 104 Key
Cable Length: 1.5m
Dimensions: (W) 437 x (D) 135 x (H) 21mm
Weight: 0.361Kg
Working Voltage: 4.5V - 5.5V
Working Current: 35mA
Mouse
Specifications:
Button Quantity: 3
Resolution: 800dpi
Dimensions: (W) 63 x (D) 113 x (H) 36mm
Weight: 0.074Kg
Optical Sensor
Tracking Speed: 14 inch/s
Button M.T.B.F.: 5 million keystrokes
Scroll Wheel Coder
M.T.B.F.: 1 million times
General Specifications
Manufacturer Part
Number: KBMS-BUILDER
EAN Number: 5055492400451
Has Mains Plug: No
Colour: Black
What's In The Box: Keyboard (UK Layout)
Mouse
Packaging
Dimensions (mm): 520mm x 158mm x 40mm (W x H x D)
Gross Weight
(KGs): 0.595 KGs


Similar Part No. - KBMS-BUILDER

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
KBM ILLINOISCAPACITOR-KBM Datasheet
179Kb / 2P
Long Life - High temperature ??RoHS Compliant
logo
AUK corp
KBM-008LFU AUK-KBM-008LFU Datasheet
708Kb / 12P
LED DOT MATRIX MODULE
logo
KODENSHI_AUK CORP.
KBM-N56-1 KODENSHI-KBM-N56-1 Datasheet
43Kb / 1P
GaAs Flip Chip Schottky Diodes
logo
Formosa MS
KBM12F FORMOSA-KBM12F Datasheet
947Kb / 2P
Surface Mount Schottky Bridge Rectifier
logo
List of Unclassifed Man...
KBM2302CA ETC2-KBM2302CA Datasheet
140Kb / 6P
N-Channel Enhancement Mode MOSFET
More results

Similar Description - KBMS-BUILDER

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
PACKBMU CALMIRCO-PACKBMU Datasheet
140Kb / 3P
KEYBOARD, MOUSE, AND USB FILTER AND PROTECTION MODULE
PACKBME CALMIRCO-PACKBME Datasheet
136Kb / 5P
KEYBOARD/MOUSE PORT INTERFACE
logo
List of Unclassifed Man...
MTP805 ETC1-MTP805 Datasheet
125Kb / 15P
8051 Embedded USB/PS2 Keyboard/Mouse Controller
logo
National Instruments Co...
NIFPM-1017 NI-NIFPM-1017 Datasheet
276Kb / 3P
17 in. Flat Panel Monitor USB Keyboard and Mouse
logo
Tripp Lite. All Rights ...
B015000 TRIPPLITE-B015000 Datasheet
489Kb / 2P
USB to PS-2 Adapter for Keyboard and Mouse
logo
Bud Industries, Inc.
60-2361 BUD-60-2361 Datasheet
61Kb / 1P
KEYBOARD AND MOUSE SHELF ASSEMBLY
logo
Nanjing Qinheng Microel...
CH9329 WCH-CH9329 Datasheet
176Kb / 6P
Serial transfer HID keyboard mouse chip
CH9350 WCH-CH9350 Datasheet
244Kb / 14P
Keyboard mouse switch control chip
logo
IOGEAR
GUC10KM IOGEAR-GUC10KM Datasheet
125Kb / 2P
USB to PS/2 Converter for Keyboard / Mouse
logo
NHP Electrical Engineer...
6189V-KBDEPC1U NHP-6189V-KBDEPC1U Datasheet
468Kb / 1P
IPC ACCS USB KEYBOARD/MOUSE 84KEY
8 June 2023,
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com