Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M13 Datasheet(PDF) 1 Page - Dc Components

Part # M13
Description  TECHNICAL SPECIFICATIONS OF SURFACE MOUNT SILICON RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DCCOM [Dc Components]
Direct Link  http://www.dccomponents.com
Logo DCCOM - Dc Components

M13 Datasheet(HTML) 1 Page - Dc Components

  M13 Datasheet HTML 1Page - Dc Components M13 Datasheet HTML 2Page - Dc Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
oC ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
SMA(DO-214AC)
TECHNICAL SPECIFICATIONS OF SURFACE MOUNT SILICON RECTIFIER
VOLTAGE RANGE 1300 to 2000 Volts
CURRENT 1.0 Ampere
NOTES : 1. Measured at 1.0 MHz and applied reverse voltage of 4.0VDC
2. Thermal Resistance (Junction to Ambient), .24in (6.0mm )
2
copper pads to each terminal.
Dimensions in inches and (millimeters)
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current at TA = 75
oC
Peak Forward Surge Current IFM(surge): 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
Typical Junction Capacitance (Note 1)
Operating and Storage Temperature Range
SYMBOL
VRRM
VDC
IO
IFSM
CJ
TJ, TSTG
VRMS
Amps
1.0
30
-65 to + 175
pF
0 C
UNITS
Volts
Volts
Typical Thermal Resistance (Note 2)
30
Volts
Amps
15
0 C/ W
R
θJL
VF
IR
1.1
50
uAmps
Maximum Forward Voltage at 1.0A DC
Volts
Maximum DC Reverse Current at
Rated DC Blocking Voltage
@TA = 25
oC
@TA = 125
oC
5.0
3. Test Conditions: IF=0.5A, IR=1.0A, IRR=0.25A.
RECTIFIER SPECIALISTS
R
DC COMPONENTS CO., LTD.
M13
THRU
M20
FEATURES
* ldeal for surface mounted applications
* Low leakage current
MECHANICAL DATA
* Case: Molded plastic
* Epoxy: UL 94V-0 rate flame retardant
* Mounting position: Any
* Weight: 0.064 gram
*Terminals: Solder plated, solderable per
MIL-STD-750, Method 2026
* Polarity: As marked
Maximum Reverse Recovery Time (Note 3)
trr
uSec
2.5
2
M13
M16
M20
1300
1600
2000
910
1120
1400
1300
1600
2000
.096(2.44)
.078(2.00)
.208(5.28)
.188(4.80)
.008(0.203)
.002(0.051)
.012(0.305)
.006(0.152)
.060(1.52)
.030(0.76)
.062(1.60)
.055(1.40)
.181(4.60)
.157(4.00)
.114(2.90)
.098(2.50)


Similar Part No. - M13

ManufacturerPart #DatasheetDescription
logo
EPCOS
M13 EPCOS-M13 Datasheet
166Kb / 5P
Ferrites and accessories
logo
Meder Electronic
M13 MEDER-M13 Datasheet
109Kb / 1P
Magnet
logo
List of Unclassifed Man...
M1300 ETC2-M1300 Datasheet
300Kb / 1P
6mm HEX FEMALE STANDOFFS
logo
Pulse A Technitrol Comp...
M1300 PULSE-M1300 Datasheet
123Kb / 2P
SMT CURRENT SENSE TRANSFORMER
logo
RAF ELECTRONIC HARDWARE
M1300-3005-AL RAF-M1300-3005-AL Datasheet
56Kb / 1P
6 MM HEX FEMALE STANDOFFS
More results

Similar Description - M13

ManufacturerPart #DatasheetDescription
logo
Dc Components
6A05 DCCOM-6A05 Datasheet
449Kb / 2P
TECHNICAL SPECIFICATIONS OF SILICON RECTIFIER
GL34A DCCOM-GL34A Datasheet
340Kb / 2P
TECHNICAL SPECIFICATIONS OF SURFACE MOUNT SILICON RECTIFIER
GS1A DCCOM-GS1A Datasheet
417Kb / 2P
TECHNICAL SPECIFICATIONS OF SURFACE MOUNT SILICON RECTIFIER
S1A DCCOM-S1A Datasheet
425Kb / 2P
TECHNICAL SPECIFICATIONS OF SURFACE MOUNT SILICON RECTIFIER
S2A DCCOM-S2A Datasheet
445Kb / 2P
TECHNICAL SPECIFICATIONS OF SURFACE MOUNT SILICON RECTIFIER
S3A DCCOM-S3A Datasheet
434Kb / 2P
TECHNICAL SPECIFICATIONS OF SURFACE MOUNT SILICON RECTIFIER
SM4001 DCCOM-SM4001 Datasheet
358Kb / 2P
TECHNICAL SPECIFICATIONS OF SURFACE MOUNT SILICON RECTIFIER
logo
Chongqing Pingwei Enter...
1N5400G CHONGQING-1N5400G Datasheet
39Kb / 1P
TECHNICAL SPECIFICATIONS OF SILICON RECTIFIER
1N5400 CHONGQING-1N5400 Datasheet
39Kb / 1P
TECHNICAL SPECIFICATIONS OF SILICON RECTIFIER
6A05G CHONGQING-6A05G Datasheet
41Kb / 1P
TECHNICAL SPECIFICATIONS OF SILICON RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com