Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S1G Datasheet(PDF) 3 Page - NXP Semiconductors

Part # S1G
Description  SMA controlled avalanche rectifiers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

S1G Datasheet(HTML) 3 Page - NXP Semiconductors

  S1G Datasheet HTML 1Page - NXP Semiconductors S1G Datasheet HTML 2Page - NXP Semiconductors S1G Datasheet HTML 3Page - NXP Semiconductors S1G Datasheet HTML 4Page - NXP Semiconductors S1G Datasheet HTML 5Page - NXP Semiconductors S1G Datasheet HTML 6Page - NXP Semiconductors S1G Datasheet HTML 7Page - NXP Semiconductors S1G Datasheet HTML 8Page - NXP Semiconductors S1G Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
2000 Feb 14
3
Philips Semiconductors
Product specification
SMA controlled avalanche rectifiers
S1 series
ELECTRICAL CHARACTERISTICS
Tj =25 °C unless otherwise specified.
THERMAL CHARACTERISTICS
Notes
1. Device mounted on Al2O3 printed-circuit board, 0.7 mm thick; thickness of copper ≥35 µm.
2. Device mounted on epoxy-glass printed-circuit board, 1.5 mm thick; thickness of copper
≥40 µm. For more
information please refer to the
‘General Part of associated Handbook’.
VRMS
root mean square voltage
S1A
−
35
V
S1B
−
70
V
S1D
−
140
V
S1G
−
280
V
S1J
−
420
V
S1K
−
560
V
S1M
−
700
V
IF(AV)
average forward current
averaged over any 20 ms period;
Ttp = 110 °C; see Fig.2
−
1A
IFSM
non-repetitive peak forward current
t = 8.3 ms half sine wave;
Tj =25 °C prior to surge;
VR =VRRMmax
S1A to S1J
−
30
A
S1K and S1M
−
25
A
Tstg
storage temperature
−65
+175
°C
Tj
junction temperature
See Fig.3
−65
+175
°C
SYMBOL
PARAMETER
CONDITIONS
TYP.
MAX.
UNIT
VF
forward voltage
IF = 1 A; see Fig.4
−
1.1
V
IR
reverse current
VR =VRRMmax; see Fig.5
S1A to S1J
−
1
µA
S1K and S1M
−
5
µA
VR =VRRMmax; Tj = 165 °C; see Fig.5
−
50
µA
trr
reverse recovery time
when switched from IF = 0.5 A to IR =1A;
measured at IR = 0.25 A; see Fig.9
1
−µs
Cd
diode capacitance
VR = 4 V; f = 1 MHz; see Fig.6
8
−
pF
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Rth j-tp
thermal resistance from junction to tie-point; see Fig.7
27
K/W
Rth j-a
thermal resistance from junction to ambient
note 1
100
K/W
note 2
150
K/W
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com