Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

K3BA2ACA Datasheet(PDF) 1 Page - OTTO Engineering, Inc

Part # K3BA2ACA
Description  ATTRACTIVE & RUGGED FOR WET & DUSTY ENVIRONMENTS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OTTO [OTTO Engineering, Inc]
Direct Link  https://www.ottoexcellence.com/
Logo OTTO - OTTO Engineering, Inc

K3BA2ACA Datasheet(HTML) 1 Page - OTTO Engineering, Inc

  K3BA2ACA Datasheet HTML 1Page - OTTO Engineering, Inc K3BA2ACA Datasheet HTML 2Page - OTTO Engineering, Inc K3BA2ACA Datasheet HTML 3Page - OTTO Engineering, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Sealed to IP68S and IP69K, the OTTO K3 rocker switch is a quality,
precision switch designed to comply with standards established for
appliance, marine (ignition protection) and off-road vehicles along
with other demanding applications where rugged rocker switches
are required.
K3 sealed rocker switches snap into industry-standard panel
cutouts. Choose illuminated and printed legends, thru-panel
drain option and switching compatibility from low level to
20 amps.
The K3 offers a choice of LED, incandescent and neon
illumination. Legends can be stamped onto a non-illuminated
button, stamped onto an illuminated lens or laser etched into
the lens and backlit.
Available in standard and low level contact ratings, the K3
rockers will fit a wide range of applications. Expect a minimum
of 25,000 cycles at a full rated load of 20 amps resistive or 15
amps inductive. 100,000 cycles mechanical. A full complement
of switch operation is available including momentary and
maintained action in 2 or 3-position switches in SPST, SPDT,
SPTT, DPST and DPDT circuit arrangements.
OTTO can provide custom colors upon request. Value-added
assemblies with wire leads are also available. Please consult the
factory for assistance.
Features:
• Sealed watertight per IP68S and IP69K
• Snap-in panel mounting into industry standard
panel cutout
• Optional panel seal gasket
• Thru-panel drain option
• LED, neon & incandescent lighting
• 0.250” Quick Connect terminals
• Optional one-piece connector
• Optional terminal barriers
• Low level up to 20 amp switch
• Configurable Single Pole Triple Throw (SPTT)
with external jumpers
• RoHS/WEEE/Reach compliant
Standard Characteristics/Ratings:
ELECTRICAL RATINGS:
Load
Sea Level
Sea Level
@ 12/28VDC
@ 125VAC, 60Hz
Resistive
20A
16A
Inductive
15A
15A
Lamp
5A
5A
Motor
0.5HP @ 110VAC
DWV
1050Vrms except across light terminals
Low Level
10mA @ 30mV
Electrical Life:
25,000 cycles
LIGHTING:
Light Source
Rating
Incandescent
(VDC) 6V, 12V, 24V
Neon
(VAC) 125V, 250V
LED
(VDC) 2V, 6V, 12V, 24V
Mechanical Life:
100,000 cycles
Seal:
IP68S and IP69K
Operating Temp Range: -40°C to +85°C
MATERIALS:
Case:
Thermoplastic, black
Button:
Thermoplastic
Terminals/Contact:
Brass, silver alloy with silver plate, gold flash for low level
Terminal Hardware:
K3 series recommended Quick Connect terminals:
AMP 60253-2 for 12-16 AWG
AMP 42100-2 for 14-18 AWG
Mounting Hardware:
None provided
SEALED, ILLUMINATED ROCKER SWITCHES
SEALED
ROCKERS
K3
ATTRACTIVE & RUGGED FOR WET & DUSTY ENVIRONMENTS
Specifications Subject To Change Without Notice
www.ottoexcellence.com 169


Similar Part No. - K3BA2ACA

ManufacturerPart #DatasheetDescription
logo
SAMYANG ELECTRONICS CO....
K3B SAMYANG-K3B Datasheet
1Mb / 3P
Surface Mount Schottky Rectifier
More results

Similar Description - K3BA2ACA

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
802-019-AA2Z15-3PA GLENAIR-802-019-AA2Z15-3PA Datasheet
144Kb / 2P
Cordsets For Harsh Environments
803-008-AA2M5-3 GLENAIR-803-008-AA2M5-3 Datasheet
166Kb / 2P
Cordsets For Harsh Environments
804-014-AA2M5-3P GLENAIR-804-014-AA2M5-3P Datasheet
112Kb / 2P
Cordsets For Harsh Environments
805-008-AA2C8-4PA GLENAIR-805-008-AA2C8-4PA Datasheet
124Kb / 2P
Cordsets For Harsh Environments
logo
Grayhill, Inc
84R-AB2-112-PD GRAYHILL-84R-AB2-112-PD Datasheet
480Kb / 3P
Rugged Keypad for Tough Environments
logo
Vishay Siliconix
AN601 VISHAY-AN601 Datasheet
102Kb / 8P
Unclamped Inductive Switching Rugged MOSFETs For Rugged Environments
15-Feb-94
logo
TT Electronics.
V700 TTELEC-V700 Datasheet
309Kb / 3P
Stability for harsh environments
logo
Laird Tech Smart Techno...
S2307 LSTD-S2307 Datasheet
596Kb / 1P
Attractive styling
IN24-10 LSTD-IN24-10 Datasheet
337Kb / 1P
Attractive housing
logo
Linx Technologies
ANT-418-CW-HWR LINX-ANT-418-CW-HWR Datasheet
403Kb / 2P
HWR Series antennas deliver outstanding performance in a rugged and cosmetically attractive package.
8/1/2017
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com