Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

K3AC2ACA Datasheet(PDF) 2 Page - OTTO Engineering, Inc

Part # K3AC2ACA
Description  ATTRACTIVE & RUGGED FOR WET & DUSTY ENVIRONMENTS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OTTO [OTTO Engineering, Inc]
Direct Link  https://www.ottoexcellence.com/
Logo OTTO - OTTO Engineering, Inc

K3AC2ACA Datasheet(HTML) 2 Page - OTTO Engineering, Inc

  K3AC2ACA Datasheet HTML 1Page - OTTO Engineering, Inc K3AC2ACA Datasheet HTML 2Page - OTTO Engineering, Inc K3AC2ACA Datasheet HTML 3Page - OTTO Engineering, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
170 OTTO Full Line Catalog
Specifications Subject To Change Without Notice
Lens Color
Legend Style
Legend Color
Legend Orientation
Position “A”
Position “C”
1. Transparent Red
1. Transparent Red
2. Transparent Green
2. Transparent Green
3. Transparent Amber ➀
3. Transparent Amber ➀
4. Clear ➀
4. Clear ➀
5. Translucent White➁
5. Translucent White ➁
Z. No Lens ➂
Z. No Lens ➂
Position “A”
Position “C”
ZZ. No Legend
ZZ. No Legend
Position “A”
Position “C”
1. Red
1. Red
2. Black
2. Black
9. White
9. White
B. Backlight/
B. Backlight/
Daylight White ➃
Daylight White ➃
D. Backlight/
D. Backlight/
Deadfront ➃
Deadfront ➃
Z. No Legend
Z. No Legend
Position
Position
“A”
“C”
1. Std.
2. 90°
3. 180°
4. 270°
➃
For legend color “B” and “D”, please
use button color “A” & “B” and
lens color “Z” for each position.
NOTE: It is not recommended to use
green LEDs with translucent white
lenses. This will reduce light intensity.
Use clear lenses with green LEDs for
maximum light intensity.
➀
Recommended for neon lamps.
➁
Special Order: Ultra bright green
LED to be used with translucent
white lenses.
➂
Legend colors “B” & “D” are only
available on lens color “Z”.
NOTE: For all other legend options,
refer to the legend table on page 164,
find the two digit code and enter the
code in the appropriate position(s).
–
X
X
XX
XX
X
X
X
1.00
.046 TYP.
1.276
± .007
.83
K3 Connector
P/N 801775-2A Without Latches
P/N 801775-2B With Latches
Panel Seal Gasket
P/N 807037
Order separately for use with switches with-
out drain holes.
Panel Plug
See Panel Plug (PP) page 167.
STOP HERE for
unlighted switches
without legends.
Example: K3AAIFAA
STOP HERE for
lighted switches
without legends.
Example: K3AAIFNH-44
Recommended Quick Connect Terminals:
AMP 60253-2 for 12-16 AWG
AMP 42100-2 for 14-18 AWG
Base Options
Case Style/Button Color
Switch Action/Circuit
Light Source Type
Light Circuit
A. With Keying Pin Only
Standard Rating
Silver Plate
B. Without Barriers or Pin
Standard Rating
Silver Plate
C. With Terminal Barriers Only
Standard Rating
Silver Plate
D. With Keying Pin Only
Low Level Rating
Gold Plate
E. Without Barriers or Pin
Low Level Rating
Gold Plate
F. With Terminal Barriers Only
Low Level Rating
Gold Plate
G. With Keying Pin Only
Standard Rating
No Plate
H. Without Barriers or Pin
Standard Rating
No Plate
J. With Terminal Barriers Only
Standard Rating
No Plate
A. Case With Drain Holes
Button Color: Black
B. Case Without Drain Holes
Button Color: Black
C. Case With Drain Holes
Button Color: Red
D. Case Without Drain Holes
Button Color: Red
E. Case With Drain Holes
Button Color: White
F. Case Without Drain Holes
Button Color: White
Position
Position
Position
Circuit
“A”
“B”
“C”
1A.
3-4
NONE
OFF
SPST
2A.
3-4/8-9
NONE
OFF
DPST
1B.
3-4
NONE
3-2
SPDT
2B.
3-4/8-9
NONE
3-2/8-7
DPDT
1C.
(3-4)
NONE
OFF
SPST
2C.
(3-4)/(8-9)
NONE
OFF
DPST
1D.
(3-4)
NONE
3-2
SPDT
2D.
(3-4)/(8-9)
NONE
3-2/8-7
DPDT
1E.
(3-4)
OFF
(3-2)
SPDT
2E.
(3-4)/(8-9)
OFF
(3-2)/(8-7) DPDT
1F.
3-4
OFF
3-2
SPDT
2F.
3-4/8-9
OFF
3-2/8-7
DPDT
1G.
(3-4)
OFF
3-2
SPDT
2G.
(3-4)/(8-9)
OFF
3-2/8-7
DPDT
Special Circuits
Position
Position
Position
Special
“A”
“B”
“C”
Circuits
1H.
3-4/8-9
8-9
OFF
ON/ON/OFF
1J.
3-4/8-9
8-9
NONE
ON/ON/NONE
1K.
(3-4)/(8-9)
8-9
OFF
(ON)/ON/OFF
1L
(3-4)/(8-9)
8-9
NONE
(ON)/ON/NONE
1M. 3-4/8-9
3-2/8-9
3-2/8-7
ON/ON/ON
1N.
(3-4)/(8-9)
3-2/8-9
3-2/8-7
(ON)/ON/ON
1P.
(3-4)/(8-9)
3-2/8-9
(3-2)/(8-7) (ON)/ON/(ON)
2R.
3-4/8-9
OFF/8-9
OFF/OFF
ON/OFF/OFF
ON/ON/OFF
2S.
(3-4)/8-9
OFF/8-9
OFF/OFF
(ON)/OFF/OFF
ON/ON/OFF
A. No Illumination
B. 6V Incandescent
C. 12V Incandescent
D. 24V Incandescent
E. 125VAC Neon
F. 250VAC Neon
G. 2V Red LED
H. 2V Green LED
J. 2V Amber LED
K. 6V Red LED
L. 6V Green LED
M.6V Amber LED
N. 12V Red LED
P. 12V Green LED
Q. 12V Amber LED
R. 24V Red LED
S. 24V Green LED
T. 24V Amber LED
Circuit
Terminal
Connections
A. None
None
B. Dep. in “A”
1(-) & 4(+)
C. Dep. in “C”
2(+) & 5(-)
D. Ind. in “A”
1(-) & 6(+)
E. Ind. in “C”
5(-) & 10(+)
F. Dep. in “A”
1(-) & 4(+)
Dep. in “C”
2(+) & 5(-)
G. Dep. in “A”
1(-) & 4(+)
Ind. in “C”
5(-) & 10(+)
H. Ind. in “A”
1(-) & 6(+)
Dep. in “C”
2(+) & 5(-)
J. Ind. in “A”
1(-) & 6(+)
Ind. in “C”
5(-) & 10(+)
NOTE: Switch case is black for
all options below:
1. Case With Drain Holes
Button Not Included
2. Case Without Drain Holes
Button Not Included
NOTE: ( ) denotes momentary action.
NOTE: Polarity only applies to
LED circuits.
K3
X
X
XX
X
X
K3 SERIES PART NUMBER CODE
SEALED, ILLUMINATED ROCKER SWITCHES
SEALED
ROCKERS
K3
Part Number Code Continued Below
K3 PART NUMBER CODE - CONTINUED FROM ABOVE
10,5
6,1
10,5
6,1
10,5
6,1
POS. C
POS. A
POS. B
SWITCH ACTION/CIRCUIT
10
6
10
6
10
6
• K3 panel plugs available as shown on page 185.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com