Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KA403 Datasheet(PDF) 1 Page - Pico Technology Ltd.

Part # KA403
Description  AC / DC CURRENT PROBE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICO [Pico Technology Ltd.]
Direct Link  https://www.picotech.com/
Logo PICO - Pico Technology Ltd.

KA403 Datasheet(HTML) 1 Page - Pico Technology Ltd.

  KA403 Datasheet HTML 1Page - Pico Technology Ltd. KA403 Datasheet HTML 2Page - Pico Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TA167
AC / DC
CURRENT PROBE
User Manual
SAFETY
The following symbols appear on the product:
Attention! Refer to Manual.
Application around and removal from
UNINSULATED HAZARDOUS LIVE conductors
is permitted.
Double/Reinforced Insulation.
Complies with the relevant European standards.
Do not dispose of this product as unsorted
municipal waste. Contact a qualified recycler for
disposal.
Read all instructions completely before using
this product.
To avoid electric shock:
• Use caution during installation and use of this product; high
voltages and currents may be present in circuit under test.
• This product must be used only by qualified personnel
practising applicable safety precautions.
• Do not use product if damaged.
• Always connect probe to display device before it is installed
around the conductor.
• Always ensure the probe is removed from any live electrical
circuit, and leads are disconnected before removing the
battery cover.
• Do not hold the probe anywhere beyond the tactile barrier
see Fig 1.
SPECIFICATION
Electrical data
(All accuracies stated at 23°C ± 1°C)
Nominal current .................
2000 A ACPEAK or DC
Measuring range (s) ...........
2000 A
Overload capacity ..............
2200 A (60 s)
Output sensitivity................
10 / 1 mV/A
Accuracy
1) (0 – 200/1500 A) ± 1% of reading ± 100 / ± 500 mA
Accuracy
1) (1500 – 2000 A)
± 5% of reading
Resolution ..........................
± 100 / ± 500 mA
Gain variation .....................
±0.15% of reading/°C
Frequency range ............... DC to 20 kHz (-1 dB)
.......................................... IRMS x f ≤ 400,000
Power supply .....................
9 V Alkaline battery
PP3, MN 1604
or IEC6LR61
Load impedance (minimum) > 100 k
Ω and ≤ 100 pF
General data
Conductor size ...................
32 mm diameter
Output cable and connectors 2 m long coax terminated with
safety BNC connector
Operating temperature .......
0°C to +50°C
Storage temperature with
Battery removed.................
-20°C to +85°C
1)Accuracy quoted is for conductor in centre of aperture
Fig 1
1.
Jaws
2.
Conventional current direction
3.
Tactile Barrier
4.
Battery cover
5.
Battery cover screw
6.
Jaw trigger
7.
ON/OFF and Range switch
8.
Auto zero button
9.
LED
4
7
4
6
8
1
3
9
5
2


Similar Part No. - KA403

ManufacturerPart #DatasheetDescription
logo
FCI connector
KA40U FCI-CONNECTOR-KA40U Datasheet
85Kb / 1P
UNIVERSAL TERMINAL
KA40U FCI-CONNECTOR-KA40U Datasheet
85Kb / 1P
UNIVERSAL TERMINAL
KA40U-2N FCI-CONNECTOR-KA40U-2N Datasheet
85Kb / 1P
UNIVERSAL TERMINAL
KA40U-2N FCI-CONNECTOR-KA40U-2N Datasheet
85Kb / 1P
UNIVERSAL TERMINAL
KA40U2N FCI-CONNECTOR-KA40U2N Datasheet
85Kb / 1P
UNIVERSAL TERMINAL
More results

Similar Description - KA403

ManufacturerPart #DatasheetDescription
logo
LEM
AHR-B420 LEM-AHR-B420 Datasheet
361Kb / 3P
AC/DC Current transducer
DHR100C10 LEM-DHR100C10 Datasheet
880Kb / 3P
AC/DC Current transducer
logo
Agilent(Hewlett-Packard...
N2780A HP-N2780A Datasheet
343Kb / 4P
AC/DC Current Probes
logo
List of Unclassifed Man...
TCP0020 ETC2-TCP0020 Datasheet
336Kb / 4P
AC/DC Current Probes
TCP0030A ETC2-TCP0030A Datasheet
487Kb / 4P
30 A AC/DC Current Probe
I430-FLEXI-TF ETC2-I430-FLEXI-TF Datasheet
332Kb / 2P
6000 A Flexible AC Current Probe
logo
LEM
DHR500C10 LEM-DHR500C10_12 Datasheet
641Kb / 4P
AC/DC Current Transducer
DHR500C420 LEM-DHR500C420_12 Datasheet
688Kb / 4P
AC/DC Current Transducer
logo
ASM GmbH
CT6700 ASM-SENSOR-CT6700 Datasheet
1Mb / 4P
CURRENT PROBE
logo
Good Will Instrument Co...
GCP-005 GWINSTEK-GCP-005 Datasheet
1Mb / 2P
CURRENT PROBE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com