Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KAPPA-R868-SO Datasheet(PDF) 5 Page - rfsolutions.ltd

Part # KAPPA-R868-SO
Description  Smart Radio Telemetry Module
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFSOLUTIONS [rfsolutions.ltd]
Direct Link  http://www.rfsolutions.co.uk
Logo RFSOLUTIONS - rfsolutions.ltd

KAPPA-R868-SO Datasheet(HTML) 5 Page - rfsolutions.ltd

  KAPPA-R868-SO Datasheet HTML 1Page - rfsolutions.ltd KAPPA-R868-SO Datasheet HTML 2Page - rfsolutions.ltd KAPPA-R868-SO Datasheet HTML 3Page - rfsolutions.ltd KAPPA-R868-SO Datasheet HTML 4Page - rfsolutions.ltd KAPPA-R868-SO Datasheet HTML 5Page - rfsolutions.ltd KAPPA-R868-SO Datasheet HTML 6Page - rfsolutions.ltd KAPPA-R868-SO Datasheet HTML 7Page - rfsolutions.ltd KAPPA-R868-SO Datasheet HTML 8Page - rfsolutions.ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
10 11 12
9
8
7
3
2
1
Vcc
GND
ANT
5
6
4
Output 4
Output 3
Output 2
Output 1
560R
Learn
LED
Learn
switch
Vcc
10 11 12
9
8
7
3
2
1
Vcc
GND
ANT
5
6
4
560R
Learn
LED
Vcc
1
3
4
5
2
6
16
11
10
12
9
14
7
13
8
MAX232
1uF
100nF
100nF
100nF
100nF
100nF
Data



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com