Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KA05 Datasheet(PDF) 1 Page - Velleman Group nv All rights reserved

Part # KA05
Description  I/O shield for Arduino™
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VELLEMAN [Velleman Group nv All rights reserved]
Direct Link  https://www.velleman.eu/
Logo VELLEMAN - Velleman Group nv All rights reserved

KA05 Datasheet(HTML) 1 Page - Velleman Group nv All rights reserved

  KA05 Datasheet HTML 1Page - Velleman Group nv All rights reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Specifications
- 1 A (max.) load per output
- 120 V max. per output
- uses pin 8 to 13 as outputs, pin A0 to A5 as analog inputs, and pin 2
to 7 as digital inputs
- dimensions: 68 x 53mm / 2.67 x 2.08"
General purpose INPUT - OUTPUT shield for Arduino™
Features
- 6 relay outputs
- 6 analog inputs
- 6 digital inputs
- downloadable sample sketch
- stackable design: the shield can be stacked with other shields
- large user community
- requires 1 Arduino™ UNO (not included)
...
PWM
ANALOG
...
101011101011001...
...
page 1 of 1
Velleman® NV, Legen Heirweg 33 - Gavere (Belgium)
Velleman.eu - Vellemanprojects.com - Velbus.eu
I/O shield for Arduino™
Datasheet
March 2013
Velleman N.V.
Component
KA05
KITS FOR ARDUINO™


Similar Part No. - KA05

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
KA05T KEXIN-KA05T Datasheet
356Kb / 2P
Three Terminal Voltage Regulator
More results

Similar Description - KA05

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
4DISPLAY-ADAPTOR-SHIELD ETC2-4DISPLAY-ADAPTOR-SHIELD Datasheet
668Kb / 8P
4D Arduino Adaptor Shield
logo
Newhaven Display Intern...
NHD-1.69-AU-SHIELD NEWHAVEN-NHD-1.69-AU-SHIELD Datasheet
1Mb / 13P
Graphic Color OLED Display Module Arduino UNO Shield
NHD-4.3CTP-SHIELD-L NEWHAVEN-NHD-4.3CTP-SHIELD-L Datasheet
1Mb / 12P
Color TFT Liquid Crystal Display Module Arduino Shield
NHD-4.3CTP-SHIELD-N NEWHAVEN-NHD-4.3CTP-SHIELD-N Datasheet
1Mb / 12P
Color TFT Liquid Crystal Display Module Arduino Shield
NHD-4.3CTP-SHIELD-V NEWHAVEN-NHD-4.3CTP-SHIELD-V Datasheet
1Mb / 12P
Color TFT Liquid Crystal Display Module Arduino Shield
NHD-4.3RTP-SHIELD-L NEWHAVEN-NHD-4.3RTP-SHIELD-L Datasheet
1Mb / 12P
Color TFT Liquid Crystal Display Module Arduino Shield
logo
ON Semiconductor
EVBUM2715 ONSEMI-EVBUM2715 Datasheet
4Mb / 37P
NCN5100 Arduino Shield Evaluation Board
February, 2020 ??Rev. 1
logo
SparkFun Electronics
DEV-14352 SPARKFUN-DEV-14352 Datasheet
244Kb / 3P
SparkFun Qwiic Shield for Arduino
10??3??7
DEV-13956 SPARKFUN-DEV-13956 Datasheet
1Mb / 26P
Arduino Weather Shield Hookup Guide V12
3/6/2017
logo
Infineon Technologies A...
BTN9970 INFINEON-BTN9970 Datasheet
581Kb / 16P
BTN9970 / BTN9990 Motor control shield Arduino shield for evaluation
Rev. 1.1 9/23/2021
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com