Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4N60P Datasheet(PDF) 3 Page - EVER SEMICONDUCTOR CO.,LIMITED

Part # 4N60P
Description  600V N-Channel Enhancement Mode MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVVOSEMI [EVER SEMICONDUCTOR CO.,LIMITED]
Direct Link  https://www.evvosemi.com
Logo EVVOSEMI - EVER SEMICONDUCTOR CO.,LIMITED

4N60P Datasheet(HTML) 3 Page - EVER SEMICONDUCTOR CO.,LIMITED

  4N60P Datasheet HTML 1Page - EVER SEMICONDUCTOR CO.,LIMITED 4N60P Datasheet HTML 2Page - EVER SEMICONDUCTOR CO.,LIMITED 4N60P Datasheet HTML 3Page - EVER SEMICONDUCTOR CO.,LIMITED 4N60P Datasheet HTML 4Page - EVER SEMICONDUCTOR CO.,LIMITED 4N60P Datasheet HTML 5Page - EVER SEMICONDUCTOR CO.,LIMITED 4N60P Datasheet HTML 6Page - EVER SEMICONDUCTOR CO.,LIMITED 4N60P Datasheet HTML 7Page - EVER SEMICONDUCTOR CO.,LIMITED 4N60P Datasheet HTML 8Page - EVER SEMICONDUCTOR CO.,LIMITED 4N60P Datasheet HTML 9Page - EVER SEMICONDUCTOR CO.,LIMITED  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Typical Characteristics T
J = 25º
C, unless otherwise noted
0.5
0.75
1
1.25
1.5
1.75
2
2.25
2.5
-50
0
50
100
150
V
GS = 10V, ID=3A
Figure 3. Drain Current vs. Temperature
Figure 4. Power Dissipation vs. Temperature
Figure 1. Output Characteristics (T
J = 25º
C)
Figure 2. Body Diode Forward Voltage
Figure 5. Transfer Characteristics
Figure 6. On-Resistance vs. Temperature
0
0.5
1
1.5
2
2.5
3
3.5
0
25
50
75
100
125
150
T
C, Case Temperature (A)
T
C, Case Temperature (º
C)
V
GS, Gate-to-Source Voltage (V)
T
J, Junction Temperature (º
C)
0
5
10
15
20
25
30
35
0
20
40
60
80
100
0
5
10
15
20
0
2
4
6
8
10
12
14
16
18
20
20V
10V
8V
7V
6V
5V
0
2
4
6
8
10
12
14
0
2
4
6
8
10
T
J = 150º
C
T
J = 25º
C
0.2
0.4
0.6
0.8
1
1.2
101
100
10-1
10-2
10-3
V
DS, Drain-to-Source Voltage (V)
V
SD, Source-to-Drain Voltage (V)
T
J = 25º
C
T
J = 150º
C
T
J = -55º
C
4N60F/P/Y/D
600V N-Channel Enhancement Mode MOSFET
Rev:2023A2
3



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com