Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS70H Datasheet(PDF) 1 Page - NXP Semiconductors

Part # BAS70H
Description  General-purpose Schottky diodes
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BAS70H Datasheet(HTML) 1 Page - NXP Semiconductors

  BAS70H Datasheet HTML 1Page - NXP Semiconductors BAS70H Datasheet HTML 2Page - NXP Semiconductors BAS70H Datasheet HTML 3Page - NXP Semiconductors BAS70H Datasheet HTML 4Page - NXP Semiconductors BAS70H Datasheet HTML 5Page - NXP Semiconductors BAS70H Datasheet HTML 6Page - NXP Semiconductors BAS70H Datasheet HTML 7Page - NXP Semiconductors BAS70H Datasheet HTML 8Page - NXP Semiconductors BAS70H Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
1.
Product profile
1.1 General description
General-purpose Schottky diodes in small Surface-Mounted Device (SMD) plastic
packages.
1.2 Features
1.3 Applications
BAS70 series;
1PS7xSB70 series
General-purpose Schottky diodes
Rev. 08 — 4 May 2006
Product data sheet
Table 1.
Product overview
Type number
Package
Configuration
Philips
JEITA
1PS76SB70
SOD323
SC-76
single diode
1PS79SB70
SOD523
SC-79
single diode
BAS70
SOT23
-
single diode
BAS70H
SOD123F
-
single diode
BAS70L
SOD882
-
single diode
BAS70W
SOT323
SC-70
single diode
BAS70-04
SOT23
-
dual series
BAS70-04W
SOT323
SC-70
dual series
BAS70-05
SOT23
-
dual common cathode
BAS70-05W
SOT323
SC-70
dual common cathode
BAS70-06
SOT23
-
dual common anode
BAS70-06W
SOT323
SC-70
dual common anode
BAS70-07
SOT143B
-
dual isolated
BAS70-07S
SOT363
SC-88
dual isolated
BAS70-07V
SOT666
-
dual isolated
BAS70VV
SOT666
-
triple isolated
BAS70XY
SOT363
SC-88
quadruple; 2 series
I High switching speed
I Low leakage current
I High breakdown voltage
I Low capacitance
I Ultra high-speed switching
I Voltage clamping


Similar Part No. - BAS70H

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BAS70H DIODES-BAS70H Datasheet
60Kb / 1P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS30190 Rev. 4 - 4
logo
NXP Semiconductors
BAS70H NXP-BAS70H Datasheet
224Kb / 20P
General-purpose Schottky diodes
Rev. 09-13 January 2010
BAS70H NXP-BAS70H Datasheet
224Kb / 20P
General-purpose Schottky diodes in small Surface-Mounted Device (SMD) plastic packages.
Rev. 09-13 January 2010
logo
FutureWafer Tech Co.,Lt...
BAS70H FUTUREWAFER-BAS70H Datasheet
2Mb / 18P
Surface Mount Switching Diode
27-DEC-2021 V 2.0
logo
Nexperia B.V. All right...
BAS70H NEXPERIA-BAS70H Datasheet
872Kb / 8P
General-purpose Schottky diode
1 January 2023
More results

Similar Description - BAS70H

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
1N5711 HP-1N5711 Datasheet
56Kb / 6P
Schottky Barrier Diodes for General Purpose Applications
logo
NXP Semiconductors
1PS70SB40 PHILIPS-1PS70SB40 Datasheet
136Kb / 21P
General-purpose Schottky diodes
Rev. 07-12 May 2006
1PS70SB40 NXP-1PS70SB40 Datasheet
227Kb / 21P
General-purpose Schottky diodes
Rev. 08-13 January 2010
1PS76SB70 NXP-1PS76SB70 Datasheet
224Kb / 20P
General-purpose Schottky diodes
Rev. 09-13 January 2010
logo
Microsemi Corporation
GC9700 MICROSEMI-GC9700 Datasheet
130Kb / 2P
SCHOTTKY BARRIER DIODES General Purpose TM
logo
NXP Semiconductors
BAS40 NXP-BAS40_13 Datasheet
227Kb / 21P
General-purpose Schottky diodes
Rev. 08-13 January 2010
BAS40-06 NXP-BAS40-06 Datasheet
227Kb / 21P
General-purpose Schottky diodes
Rev. 08-13 January 2010
BAS40 PHILIPS-BAS40_15 Datasheet
359Kb / 22P
General-purpose Schottky diodes
Rev. 9-18 March 2015
BAS70 PHILIPS-BAS70_15 Datasheet
235Kb / 20P
General-purpose Schottky diodes
Rev. 09-13 January 2010
logo
Skyworks Solutions Inc.
SMS3922 SKYWORKS-SMS3922 Datasheet
1Mb / 12P
Surface Mount General Purpose Schottky Diodes
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com