Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S1M Datasheet(PDF) 2 Page - NXP Semiconductors

Part # S1M
Description  SMA controlled avalanche rectifiers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

S1M Datasheet(HTML) 2 Page - NXP Semiconductors

  S1M Datasheet HTML 1Page - NXP Semiconductors S1M Datasheet HTML 2Page - NXP Semiconductors S1M Datasheet HTML 3Page - NXP Semiconductors S1M Datasheet HTML 4Page - NXP Semiconductors S1M Datasheet HTML 5Page - NXP Semiconductors S1M Datasheet HTML 6Page - NXP Semiconductors S1M Datasheet HTML 7Page - NXP Semiconductors S1M Datasheet HTML 8Page - NXP Semiconductors S1M Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2000 Feb 14
2
Philips Semiconductors
Product specification
SMA controlled avalanche rectifiers
S1 series
FEATURES
• Glass passivated
• High maximum operating temperature
• Ideal for surface mount automotive applications
• Low leakage current
• Excellent stability
• Guaranteed avalanche energy absorption capability
• UL 94V-O classified plastic package
• Shipped in 12 mm embossed tape
• Marking: cathode, date code, type code
• Easy pick and place.
DESCRIPTION
DO-214AC surface mountable package with glass
passivated chip.
The well-defined void-free case is of a transfer-moulded
thermo-setting plastic. The small rectangular package has
two J bent leads.
olumns
MSA474
Top view
Side view
cathode
band
ka
Fig.1 Simplified outline (DO-214AC) and symbol.
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VRRM
repetitive peak reverse voltage
S1A
−
50
V
S1B
−
100
V
S1D
−
200
V
S1G
−
400
V
S1J
−
600
V
S1K
−
800
V
S1M
−
1000
V
VR
continuous reverse voltage
S1A
−
50
V
S1B
−
100
V
S1D
−
200
V
S1G
−
400
V
S1J
−
600
V
S1K
−
800
V
S1M
−
1000
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com