Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REP-DN Datasheet(PDF) 1 Page - Turck, Inc.

Part # REP-DN
Description  Repeater module for DeviceNet™ Repeater for DeviceNet
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TURCK [Turck, Inc.]
Direct Link  https://www.turck.us/en/index.php
Logo TURCK - Turck, Inc.

REP-DN Datasheet(HTML) 1 Page - Turck, Inc.

  REP-DN Datasheet HTML 1Page - Turck, Inc. REP-DN Datasheet HTML 2Page - Turck, Inc. REP-DN Datasheet HTML 3Page - Turck, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Hans Turck GmbH & Co.KG ñ D-45472 Mülheim an der Ruhr ñ Witzlebenstraße 7 ñ Tel. 0208 4952-0 ñ Fax 0208 4952-264 ñ more@turck.com ñ www.turck.com1 / 3
Repeater module for DeviceNet™
Repeater for DeviceNet
REP-DN
Type
REP-DN
ID
F0137
Fieldbus
DeviceNet
Mechanical and chemical properties
Ambient temperature range (dynamic)
-40°C…+70°C°C
■ Robust DeviceNet™ repeater
■ Protection class IP67
■ Fibre-glass reinforced PA6 housing
■ Vibration and shock-resistant
■ Encapsulated module electronics
■ Metal connectors
■ Degree of protection IP67
Functional principle
The REP-DN is a potted, fully connectorized
repeater. It is very rugged and can be mount-
ed
directly on the machine. Network segments
attached together with a repeater are consid-
ered separate physical networks (trunk and
drop lengths for each segment are determined
as if the other segments are not there), but
one logical network (addresses cannot be du-
plicated - the scanner and configuration tools
work as a single network).
The repeater does not consume an address
and is invisible to all the other devices on the
network. The repeater does not have an EDS
file.
The REP-DN can be used to extend either the
Trunk or the Drop lines. It can also be used to
isolate power supplies on networks with multi-
ple supplies.
There is no limit to the number of repeaters
that can be used on one network. When a
message is repeated a 2 millisecond delay is


Similar Part No. - REP-DN

ManufacturerPart #DatasheetDescription
logo
Stontronics Ltd.
REPA-501DA-12 STONTRONICS-REPA-501DA-12 Datasheet
643Kb / 1P
12Vdc 4.16A Desktop C8 SMPSU
logo
Recom International Pow...
REPOT RECOM-REPOT Datasheet
389Kb / 3P
suitable for 1-10V dimmable LED drivers
REPOT1-10 RECOM-REPOT1-10 Datasheet
389Kb / 3P
Electronic Potentiometer
REPOT1-10 RECOM-REPOT1-10 Datasheet
389Kb / 3P
suitable for 1-10V dimmable LED drivers
More results

Similar Description - REP-DN

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPA2162 PCA-EPA2162 Datasheet
73Kb / 2P
10 Base-T Interface Module for Multiport Repeater Applications
logo
Molex Electronics Ltd.
1120080013 MOLEX11-1120080013 Datasheet
510Kb / 3P
Hand Held Digital NetMeter for DeviceNet
1120080008 MOLEX11-1120080008 Datasheet
350Kb / 3P
eNetMeter DN diagnostic tool for DeviceNet
logo
Texas Instruments
SN65HVD252 TI1-SN65HVD252_13 Datasheet
804Kb / 18P
DeviceNet CAN Transceivers
logo
Red Lion Controls. Inc
GMDN REDLION-GMDN Datasheet
473Kb / 2P
DeviceNet Protocol Communication
logo
WAGO Kontakttechnik Gmb...
750-806 WAGO-750-806 Datasheet
634Kb / 14P
Controller DeviceNet
logo
Pepperl+Fuchs Inc.
KFD0-CS-1.50 PF-KFD0-CS-1.50 Datasheet
784Kb / 3P
Repeater
KFD0-CS-EX1.52 PF-KFD0-CS-EX1.52 Datasheet
855Kb / 3P
Repeater
KFD0-CS-EX2.50P PF-KFD0-CS-EX2.50P Datasheet
976Kb / 3P
Repeater
KFD0-CS-EX1.54-Y2 PF-KFD0-CS-EX1.54-Y2 Datasheet
867Kb / 3P
Repeater
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com