Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N7002KB Datasheet(PDF) 1 Page - Rectron Semiconductor

Part # 2N7002KB
Description  N-Channel Enhancement Mode Power MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

2N7002KB Datasheet(HTML) 1 Page - Rectron Semiconductor

  2N7002KB Datasheet HTML 1Page - Rectron Semiconductor 2N7002KB Datasheet HTML 2Page - Rectron Semiconductor 2N7002KB Datasheet HTML 3Page - Rectron Semiconductor 2N7002KB Datasheet HTML 4Page - Rectron Semiconductor 2N7002KB Datasheet HTML 5Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
N-Channel Enhancement Mode Power MOSFET
General Features
VDS = 60V,ID = 0.34A
RDS(ON) < 5.3Ω @ VGS=4.5V,I D = 200 mA
RDS(ON) < 5.0Ω @ VGS=10V ,ID = 500mA
ESD Rating
HBM
1000V
High power and current handing capability
Lead free product is acquired
Surface mount package
Application
Direct logic-level interface: TTL/CMOS
Drivers: relays, solenoids, lamps, hammers,display,
memories, transistors, etc.
Battery operated systems
Solid-state relays
Schematic diagram
Marking and pin assignment
SOT-23 top view
Package Marking And Ordering Information
Device Marking
Device
Device Package
Reel Size
Tape width
Quantity
72K
2N7002KB
SOT-23
Ø180mm
8 mm
3000 units
Absolute Maximum Ratings (TA=25
unless otherwise noted)
Parameter
Symbol
Limit
Unit
Drain-Source Voltage
VDS
60
V
Gate-Source Voltage
VGS
±20
V
0.34
Continuous Drain Current
ID
A
Maximum Power Dissipation
PD
0.35
W
Operating Junction and Storage Temperature Range
TJ,TSTG
-55 To 150
2N7002KB
72K
Halogen-free
2020-11/03
REV:B


Similar Part No. - 2N7002KB

ManufacturerPart #DatasheetDescription
logo
Silikron Semiconductor ...
2N7002KB SILIKRON-2N7002KB Datasheet
507Kb / 7P
Main Product Characteristics
logo
GOOD-ARK Electronics
2N7002KB GOOD-ARK-2N7002KB Datasheet
675Kb / 6P
60V N-Channel MOSFET
logo
VBsemi Electronics Co.,...
2N7002KB VBSEMI-2N7002KB Datasheet
1,004Kb / 8P
N-Channel 60-V (D-S) MOSFET
logo
Rectron Semiconductor
2N7002KB RECTRON-2N7002KB Datasheet
509Kb / 5P
N-Channel Enhancement Mode Power MOSFET
2020-11/03 REV:O
2N7002KBS3 RECTRON-2N7002KBS3 Datasheet
191Kb / 5P
N-Channel Mosfet
2023-06/89 REV:O
More results

Similar Description - 2N7002KB

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
G2N7002K GTM-G2N7002K Datasheet
368Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G111K GTM-G111K Datasheet
366Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G138 GTM-G138 Datasheet
324Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G301K GTM-G301K Datasheet
296Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2304A GTM-G2304A Datasheet
371Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2308E GTM-G2308E Datasheet
330Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE20N03 GTM-GE20N03 Datasheet
296Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE40N03 GTM-GE40N03 Datasheet
251Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE50L02 GTM-GE50L02 Datasheet
258Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE70N03 GTM-GE70N03 Datasheet
299Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com