Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SE20-84XT-RJ822 Datasheet(PDF) 1 Page - Turck, Inc.

Part # SE20-84XT-RJ822
Description  Industrial Ethernet Unmanaged Switch
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TURCK [Turck, Inc.]
Direct Link  https://www.turck.us/en/index.php
Logo TURCK - Turck, Inc.

SE20-84XT-RJ822 Datasheet(HTML) 1 Page - Turck, Inc.

  SE20-84XT-RJ822 Datasheet HTML 1Page - Turck, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Hans Turck GmbH & Co.KG ñ D-45472 Mülheim an der Ruhr ñ Witzlebenstraße 7 ñ Tel. 0208 4952-0 ñ Fax 0208 4952-264 ñ more@turck.com ñ www.turck.com1 / 1
Industrial Ethernet
Unmanaged Switch
SE20-84XT-RJ822
Type
SE20-84XT-RJ822
ID
U3-10866
Supply voltage
24 VDC
Admissible range
10...30 VDC
Power consumption
ð
4 W
Transient Protection
15,000 Watts Peak
Spike Protection
5,000 Watts (10 times for 10 µs)
Voltage supply connection
Pluggable screw terminal strip
Transmission rate Ethernet
10/100 Mbps
Ethernet Compliance
IEEE 802.3 (10 Mbps Ethernet)
IEEE 802.3u (100 Mbps Ethernet)
IEEE 802.3.3 x (Full-Duplex with Flow Control)
Number of Ethernet ports
8 ports
Connection technology Ethernet
8 × RJ45
MAC Addresses
1024
Memory bandwidth
3.2 Gbps
Latency (typical)
@100 Mbps: 5 µs + frame time; @10 Mbps: 16 µs +
frame time
Electrical isolation
1500 VRMS 1 minute
Electromagnetic compatibility (EMC)
FCC part 15, ICES-003, EN55022, EN61000-6, CE
Dimensions
38.1 x 82.8 x 101.6 mm
Weight
261 g
Ambient temperature
-40…+60 °C
Storage temperature
-40…+85 °C
Relative humidity
5 to 95% (non-condensing)
Vibration test
Acc. to IEC 60068-2-6
Protection class
IP20
Mounting
Din-rail or direct panel mounting
Housing material
UL94V0 Lexan
Approvals and certificates
UL508/CSA C22.2/14; EN61010-1; UL1604/CSA
C22.2/213 (Class I, Div. 2); EN60079-15 (Zone 2,
Category 3); CE (ATEX)
Life cycle MTBF
>1M Hours GB at 35ºC per MIL-HNDBK-217F2
■ 10/100 Mbps
■ Auto-sensing, 10/100M, half/full duplex,
auto-negotiating
■ Auto cross-over, auto-polarity
■ Automatic address learning, aging and mi-
gration
■ Store and forward wire-speed switching
■ IEEE 802.3, 802.3u, 802.3x
■ 8 ports
■ Ethernet connection: shielded RJ45 sock-
ets
■ Power supply: removable screw terminal
■ Protection class: IP20
RJ45 Fieldbus
Power Supply
Functional principle
Ethernet switches can be used to simplify Eth-
ernet networks and reduce traffic. They per-
form an important role in traffic management
by forwarding messages only to the port that
needs them.


Similar Part No. - SE20-84XT-RJ822

ManufacturerPart #DatasheetDescription
logo
Turck, Inc.
SE20-84XT-RJ422-FO TURCK-SE20-84XT-RJ422-FO Datasheet
186Kb / 2P
Industrial Ethernet Unmanaged Switch
2023-07-21
More results

Similar Description - SE20-84XT-RJ822

ManufacturerPart #DatasheetDescription
logo
Red Lion Controls. Inc
524TX REDLION-524TX Datasheet
498Kb / 3P
Unmanaged Industrial Ethernet Switch
517FX REDLION-517FX Datasheet
548Kb / 3P
Unmanaged Industrial Ethernet Switch
509FX REDLION-509FX Datasheet
447Kb / 3P
Unmanaged Industrial Ethernet Switch
309FX REDLION-309FX Datasheet
435Kb / 3P
Unmanaged Industrial Ethernet Switch
305FX REDLION-305FX Datasheet
413Kb / 2P
Unmanaged Industrial Ethernet Switch
304TX REDLION-304TX Datasheet
764Kb / 3P
Unmanaged Industrial Ethernet Switch
112FX4 REDLION-112FX4 Datasheet
708Kb / 3P
Unmanaged Industrial Ethernet Switch
110FX2 REDLION-110FX2 Datasheet
866Kb / 3P
Unmanaged Industrial Ethernet Switch
105TX-SL REDLION-105TX-SL Datasheet
636Kb / 3P
Unmanaged Industrial Ethernet Switch
105TX-POE REDLION-105TX-POE Datasheet
1Mb / 3P
Unmanaged Industrial Ethernet Switch
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com