Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRFP4228PBF Datasheet(PDF) 4 Page - International Rectifier

Part # IRFP4228PBF
Description  pop switch
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFP4228PBF Datasheet(HTML) 4 Page - International Rectifier

  IRFP4228PBF Datasheet HTML 1Page - International Rectifier IRFP4228PBF Datasheet HTML 2Page - International Rectifier IRFP4228PBF Datasheet HTML 3Page - International Rectifier IRFP4228PBF Datasheet HTML 4Page - International Rectifier IRFP4228PBF Datasheet HTML 5Page - International Rectifier IRFP4228PBF Datasheet HTML 6Page - International Rectifier IRFP4228PBF Datasheet HTML 7Page - International Rectifier IRFP4228PBF Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
IRFP4228PbF
4
www.irf.com
Fig 11. Maximum Drain Current vs. Case Temperature
Fig 12. Maximum Safe Operating Area
Fig 8. Typical Source-Drain Diode Forward Voltage
Fig 7. Typical EPULSE vs.Temperature
20
40
60
80
100
120
140
160
Temperature (°C)
0
20
40
60
80
100
120
140
L = 220nH
C = 0.3µF
C = 0.2µF
C = 0.1µF
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
VSD, Source-to-Drain Voltage (V)
0.1
1
10
100
1000
TJ = 25°C
TJ = 175°C
VGS = 0V
Fig 10. Typical Gate Charge vs.Gate-to-Source Voltage
Fig 9. Typical Capacitance vs.Drain-to-Source Voltage
0
10
20304050
607080
QG, Total Gate Charge (nC)
0.0
2.0
4.0
6.0
8.0
10.0
12.0
VDS= 120V
VDS= 75V
VDS= 30V
ID= 50A
1
10
100
1000
VDS, Drain-to-Source Voltage (V)
10
100
1000
10000
100000
VGS = 0V,
f = 1 MHZ
Ciss = Cgs + Cgd, C ds SHORTED
Crss = Cgd
Coss = Cds + Cgd
Coss
Crss
Ciss
25
50
75
100
125
150
175
TJ , Junction Temperature (°C)
0
10
20
30
40
50
60
70
80
90
1
10
100
1000
VDS, Drain-to-Source Voltage (V)
1
10
100
1000
OPERATION IN THIS AREA
LIMITED BY R DS(on)
Tc = 25°C
Tj = 175°C
Single Pulse
100µsec
1msec
10msec



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com