Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA3604 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # SA3604
Description  PCS-band low voltage front-end
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA3604 Datasheet(HTML) 2 Page - NXP Semiconductors

  SA3604 Datasheet HTML 1Page - NXP Semiconductors SA3604 Datasheet HTML 2Page - NXP Semiconductors SA3604 Datasheet HTML 3Page - NXP Semiconductors SA3604 Datasheet HTML 4Page - NXP Semiconductors SA3604 Datasheet HTML 5Page - NXP Semiconductors SA3604 Datasheet HTML 6Page - NXP Semiconductors SA3604 Datasheet HTML 7Page - NXP Semiconductors SA3604 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Philips Semiconductors
Preliminary specification
SA3604
PCS-band low voltage front-end
2
1999 Dec 14
DESCRIPTION
The SA3604 is an integrated Low-Noise Amplifier (LNA) and mixer
designed in a 30 GHz fT advanced BICMOS process, Qubic3, for
high-performance, low power PCS-band communication systems.
The LNA has a 1.9 dB noise figure at 1960 MHz with 17.5 dB gain
and an IIP3 intercept of –4 dBm. The single-ended input, double
balanced mixer has a 9.5 dB noise figure with 8 dB gain and IIP3 of
+6.0 dBm at 1960 MHz.
FEATURES
• Integrated LNA output matching
• Excellent gain stability versus temperature and supply voltage
• LNA, mixer and LO buffer power down capability
APPLICATIONS
• IS-136 Standard systems
• Wireless radios
PIN CONFIGURATION
1
2
3
4
5
6
7
8
9
10
16
15
14
13
12
11
MIXER IF OUT+
LNA GAIN Sel
GND
LNA RF OUT
MIXER RF IN
GND
MIXER IF OUT–
VCC MIXER
LO OUT
GND
GND
LNA RF IN
VCC LNA
GND
VCC LO Buffer
LO IN
SR02104
Figure 1. Pin Configuration
ORDERING INFORMATION
DESCRIPTION
TEMPERATURE RANGE
ORDER CODE
DWG #
16-Pin Thin Shrink Small Outline Package (Surface-mount, TSSOP)
–40 to +85
°C
SA3604 DH



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com